Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7300 Datasheet(PDF) 40 Page - Arista Networks, Inc

Part # 7300
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7300 Datasheet(HTML) 40 Page - Arista Networks, Inc

Back Button 7300 Datasheet HTML 36Page - Arista Networks, Inc 7300 Datasheet HTML 37Page - Arista Networks, Inc 7300 Datasheet HTML 38Page - Arista Networks, Inc 7300 Datasheet HTML 39Page - Arista Networks, Inc 7300 Datasheet HTML 40Page - Arista Networks, Inc 7300 Datasheet HTML 41Page - Arista Networks, Inc 7300 Datasheet HTML 42Page - Arista Networks, Inc 7300 Datasheet HTML 43Page - Arista Networks, Inc 7300 Datasheet HTML 44Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Off
Module failed or is improperly
inserted.
Green
Supervisor operating normally.
Status
Red
Module failed.
Off
Supervisor is not active.
Active
Green
Supervisor is active and
controlling the switch.
Component Activity Status LEDs
LEDs located below the vents and left of the input ports display summary indicators for power supplies,
fabric modules, fan modules, and line cards. Table 10: Component Activity LED States interprets the
states of these indicators. When error conditions are indicated, refer to LEDs on the specified modules
to determine the condition’s source.
Table 10: Component Activity LED States
LED Name
LED State
Module State
Off
No modules are present or powered.
Green
All powered modules are operating normally.
Power Supply
Line Card Fabric
Module
Red
At least one module has failed.
Off
Module not inserted.
Amber
At least one fan is missing or has failed.
Green
All modules are operating normally.
Fan Modules
Red
There are insufficient functional fans installed in the switch.
A.2
Line Card Module Indicators
Each line card module provides one status LED plus LEDs for each port on the card.
The figures in Line Cards indicate the location of the LEDs on each line card. Figure A-2-left displays
the status LED and Port LEDs on the left side of the DCS-7300X-64S-LC line card. Figure A-2-right
displays the status LED and Port LEDs on the left side of the DCS-7300X-32Q-LC line card.
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com