Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7308X-FM-R Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # DCS-7308X-FM-R
Description  7300 Series Data Center Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308X-FM-R Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button DCS-7308X-FM-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7308X-FM-R Datasheet HTML 10Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
7300 Series | Features
* Not currently supported in EOS
Layer 2 Features
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• Rapid Per VLAN Spanning Tree (RPVST+)
• 4096 VLANs
• Q-in-Q
• 802.3ad Link Aggregation/LACP
• 64 ports/channel
• 1024 groups per system
• Multi-Chassis Link Aggregation (MLAG)
• 64 ports per MLAG
• Custom LAG Hashing
• Resilient LAG Hashing
• 802.1AB Link Layer Discovery Protocol
• 802.3x Flow Control
• Jumbo Frames (9216 Bytes)
• IGMP v1/v2/v3 snooping
• Storm Control
• RAIL
Layer 3 Features
• Routing Protocols: OSPF, OSPFv3, BGP, MP-BGP, IS-IS, and RIPv2
• 64-way Equal Cost Multipath Routing (ECMP)
• Resilient ECMP Routes
• VRF
• BFD
• Route Maps
• IGMP v2/v3
• PIM-SM / PIM-SSM
• Anycast RP (RFC 4610)
• VRRP
• Virtual ARP (VARP)
• Policy Based Routing (DirectFlow)
• uRPF
• Selective Route Download
Advanced Monitoring and Provisioning
• Zero Touch Provisioning (ZTP)
• Latency Analyzer and Microburst Detection (LANZ) *
• Configurable Congestion Notification (CLI, Syslog)
• Streaming Events (GPB Encoded)
• Capture/Mirror of congested traffic
• Advanced Monitoring and Aggregation
• Port Mirroring 4 to 128 (4 active sessions per ASIC)
• L2/3/4 Filtering on Mirror Sessions*
• Mirror to EOS/SSD*
• Advanced Event Management suite (AEM)
• CLI Scheduler
• Event Manager
• Event Monitor
• Linux tools
• Optional SSD for logging and data capture
• Integrated packet capture/analysis with TCPDump
• RFC 3176 sFlow
• Restore & configure from USB
• Blue Beacon LED for system identification
• Software Defined Networking (SDN)
• Openflow 1.0 *
• Arista DirectFlow *
• eAPI
• OpenStack Neutron Support
Virtualization Support
• VXLAN Routing and Bridging
• VM Tracer VMware Integration
• VMware vSphere support
• VM Auto Discovery
• VM Adaptive Segmentation
• VM Host View
Security Features
• IPv4 / IPv6 Ingress & Egress ACLs using L2, L3, L4 fields
• MAC ACLs
• ACL Drop Logging
• ACL Counters
• Control Plane Protection (CPP)
• PDP
• Service ACLs
• DHCP Relay / Snooping
• TACACS+
• RADIUS
Quality of Service (QoS) Features
• Up to 8 queues per port
• 802.1p based classification
• DSCP based classification and remarking *
• Explicit Congestion Notification (ECN) *
• QoS interface trust (COS / DSCP)
• Strict priority queueing
• Weighted Round Robin (WRR) Scheduling
• Per-Priority Flow Control (PFC)
• Data Center Bridging Extensions (DCBX)
• 802.1Qaz Enhanced Transmissions Selection (ETS) *
• ACL based DSCP Marking
• ACL based Policing *
• Policing/Shaping
• Rate limiting
• Audio Video Bridging (AVB) *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com