Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCS-7304-SFAN-R Datasheet(PDF) 49 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 49 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 45Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 46Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 47Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 48Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 49Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 50Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 51Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 52Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 53Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Fabric and Fan-only Module Description
5. Return the lock-levers to the closed position, securing the module to the chassis (Fabric Module-
left).
B.2
Handling Fan-only Modules
DCS-7304 Fabric and Fan-only Module (left) depicts a DCS-7304 chassis with installed fabric modules
(slots 1 and 2) and fan-only modules (slots 3 and 4). Lock-levers are shown in the open (slot 3) and
closed (slot 4) position DCS-7304 Fan-only Module (right) displays the position of the lock lever
release screw (below the extended handles).
The fan direction indicator is located below the top handle. Refer to Site Selection for airflow
configuration requirements.
The following configuration is mandatory when fan-only modules are installed:
•
Slots 1 and 2 contain fabric modules
•
Slots 3 and 4 contain fan-only modules
Figure 35: DCS-7304 Fabric and Fan-only Module (left); DCS-7304 Fan-only Module (right)
1
Lock lever release
screw
3
Lock lever release
screw
2
Fan airflow direction
(color indicates airflow
direction)
B.2.1
Removing Fan-only Modules
This procedure describes the proper method for removing fan-only modules from the switch:
1. Release the lock-levers from the module frame by rotating each handle’s release screw counter-
clockwise (DCS-7304 Fan-only Module (right)).
2. Extend the lock-levers towards the top and bottom of the chassis (DCS-7304 Fabric and Fan-only
Module (left)).
3. Use the lock-levers to pull the module three to four inches from the installed position.
4. Return the lock-levers to the closed position.
5. Grasp the module frame and pull the module until it is completely outside of the chassis.
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com