Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR-2700-DC-R Datasheet(PDF) 50 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 50 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 46Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 47Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 48Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 49Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 52Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 53Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 54Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
Figure 35: 7500N Power Supplies
Note: The LEDs for the power supplies with three-LED status indicators are:
•
DC Good
•
Fault, and
•
Vin Good
from top to bottom as shown above.
Table 15: Power Supply Status LED States interprets the power supply setup for LED status indicators.
Table 15: Power Supply Status LED States
Power Supply
State
LED Name
PWR-3KT-AC-
Red
PWR-2700-DC-R PWR-3K-DC-
Red
Input power
present Normal
Operation
DC Good Fault
Vin Good
Green Off Green
Green Off Green
Green
Input power
present Main
output off
DC Good Fault
Vin Good
Off Off Green
Off Off Green
Blinking Green
Input power
present Power
Supply Fault
DC Good Fault
Vin Good
Off Blinking
Amber Green
Off Blinking
Amber Green
Blinking Amber, 1
sec on, 1 sec off
No Input Power
Supply installed
in chassis
DC Good Fault
Vin Good
Off Off Off
Off Off Off
Off
Input power
present Supply
not seated in
chassis
DC Good Fault
Vin Good
Off Off Blinking
Green
Off Off Off
Blinking Amber,
0.5 sec on/off
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com