Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F128D Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB95F128D
Description  8-bit Proprietary Microcontrollers
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F128D Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB95F128D Datasheet HTML 35Page - fujitsu semiconductor MB95F128D Datasheet HTML 36Page - fujitsu semiconductor MB95F128D Datasheet HTML 37Page - fujitsu semiconductor MB95F128D Datasheet HTML 38Page - fujitsu semiconductor MB95F128D Datasheet HTML 39Page - fujitsu semiconductor MB95F128D Datasheet HTML 40Page - fujitsu semiconductor MB95F128D Datasheet HTML 41Page - fujitsu semiconductor MB95F128D Datasheet HTML 42Page - fujitsu semiconductor MB95F128D Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
MB95120 Series
39
4.
AC Characteristics
(1) Clock Timing
(VCC
= 3.3 V, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
Parameter
Sym-
bol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCH
X0, X1
⎯
1.00
⎯
16.25
MHz
When using main
oscillation circuit
1.00
⎯
32.50
MHz
When using external clock
3.00
⎯
10.00
MHz
Main PLL multiplied by 1
3.00
⎯
8.13
MHz
Main PLL multiplied by 2
3.00
⎯
6.50
MHz
Main PLL multiplied by 2.5
3.00
⎯
4.06
MHz
Main PLL multiplied by 4
FCL
X0A, X1A
⎯
32.768
⎯
kHz
When using sub
oscillation circuit
⎯
32.768
⎯
kHz
When using sub PLL
VCC
= 2.3 V to 3.3 V
Clock cycle time
tHCYL
X0, X1
61.5
⎯
1000
ns
When using main
oscillation circuit
30.8
⎯
1000
ns
When using external clock
tLCYL
X0A, X1A
⎯
30.5
⎯
µs
When using sub
oscillation circuit
Input clock pulse width
tWH1
tWL1
X0
61.5
⎯⎯
ns
When using external clock
Duty ratio is about 30
% to
70
%.
tWH2
tWL2
X0A
⎯
15.2
⎯
µs
Input clock rise time and
fall time
tCR
tCF
X0, X0A
⎯⎯
5
ns
When using external clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com