Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F108ANS Datasheet(PDF) 23 Page - fujitsu semiconductor

Part # MB95F108ANS
Description  8-bit Proprietary Microcontrollers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F108ANS Datasheet(HTML) 23 Page - fujitsu semiconductor

Back Button MB95F108ANS Datasheet HTML 19Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 20Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 21Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 22Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 23Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 24Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 25Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 26Page - fujitsu semiconductor MB95F108ANS Datasheet HTML 27Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
MB95100AM Series
23
2.
Register
The MB95100AM series has two types of registers; dedicated registers in the CPU and general-purpose registers
in the memory. The dedicated registers are as follows:
The PS can further be divided into higher 8 bits for use as a register bank pointer (RP) and a direct bank pointer
(DP) and the lower 8 bits for use as a condition code register (CCR) . (Refer to the diagram below.)
Program counter (PC)
: A 16-bit register to indicate locations where instructions are stored.
Accumulator (A)
: A 16-bit register for temporary storage of arithmetic operations. In the case of
an 8-bit data processing instruction, the lower one byte is used.
Temporary accumulator (T)
: A 16-bit register which performs arithmetic operations with the accumulator.
In the case of an 8-bit data processing instruction, the lower one byte is used.
Index register (IX)
: A 16-bit register for index modification.
Extra pointer (EP)
: A 16-bit pointer to point to a memory address.
Stack pointer (SP)
: A 16-bit register to indicate a stack area.
Program status (PS)
: A 16-bit register for storing a register bank pointer, a direct bank pointer, and
a condition code register.
PC
A
T
IX
EP
SP
PS
: Program counter
16-bit
: Accumulator
: Temporary accumulator
: Index register
: Extra pointer
: Stack pointer
: Program status
Initial Value
FFFDH
0000H
0000H
0000H
0000H
0000H
0030H
PS
RP
CCR
bit 15 bit 14 bit 13 bit 12 bit 11 bit 10 bit 9
bit 8
DP2
DP1
DP0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R4
R3
R2
R1
R0
H
I
IL1
IL0
N
Z
V
C
DP
• Structure of the Program Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com