Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

655.080 Datasheet(PDF) 2 Page - France Joint

Part # 655.080
Description  PISTON SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

655.080 Datasheet(HTML) 2 Page - France Joint

  655.080 Datasheet HTML 1Page - France Joint 655.080 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
L1
R2
C
R1
INSTALLATION DIMENSIONS
Groove diameter
Ød1 h9
Groove width
L1 0/+0.20
Radial section
S
D1 - 11.00
4.20
5.50
D1 - 15.50
6.30
7.75
D1 - 21.00
8.10
10.50
For special applications > 40 MPa, we recommend using an H8/f8 tolerance (bore/piston) or selecting other, more suitable materials. Please
contact our experts.
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Polyoxymethylene (POM) friction ring - Code HC
________________ : NBR 70 Shore A profiled seal - Code K6
Bore diameter ____ : ØD1 = 100.00 mm
Groove diameter __ : Ød1 + 79.00 mm
Part number______ : 655.100HCK6
Family
Bore diameter
Friction ring material
Profiled seal material
655.
100
HC
K6
Part number -
DIMENSIONS
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.10
655.070
70.00
49.00
8.10
655.115
115.00
94.00
8.10
655.120
120.00
99.00
8.10
655.125
125.00
104.00
8.10
655.130
130.00
109.00
8.10
655.140
140.00
119.00
8.10
655.150
150.00
129.00
8.10
655.160
160.00
139.00
8.10
655.170
170.00
149.00
8.10
655.180
180.00
159.00
8.10
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.10
655.190
190.00
169.00
8.10
655.075
75.00
54.00
8.10
655.080
80.00
59.00
8.10
655.085
85.00
64.00
8.10
655.090
90.00
69.00
8.10
655.095
95.00
74.00
8.10
655.100
100.00
79.00
8.10
655.105
105.00
84.00
8.10
655.110
110.00
89.00
8.10
The figures highlighted in bold correspond to the bore diameters that are recommended by standard ISO 3320. Other intermediate sizes can
be provided.
HYDRAULIC SEALS | PISTON SEALS |
BECA 655



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com