Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMF8901B Datasheet(PDF) 2 Page - AUK corp

Part # TMF8901B
Description  Si RF LDMOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

TMF8901B Datasheet(HTML) 2 Page - AUK corp

  TMF8901B Datasheet HTML 1Page - AUK corp TMF8901B Datasheet HTML 2Page - AUK corp TMF8901B Datasheet HTML 3Page - AUK corp TMF8901B Datasheet HTML 4Page - AUK corp TMF8901B Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
□ Electrical Characteristics (T
A = 25 ℃)
dB
-
14.7
13
f = 470 MHz, PIN = 20 dBm
VDS = 6.0 V, IDset = 200 mA
GP
Power Gain
dBm
-
34.7
33
f = 470 MHz, PIN = 20 dBm
VDS = 6.0 V, IDset = 200 mA
POUT
Output Power
mA
-
805
-
Iop
Operating Current
%
-
61
-
η
D
Drain Efficiency
V
-
0.4
-
VGS = 4 V, ID = 600 mA
VDSon
Drain to Source On-Voltage
%
-
64
-
η
D
Drain Efficiency
mA
-
600
-
Iop
Operating Current
dBm
-
32.4
31
f = 470 MHz, PIN = 20 dBm
VDS = 4.5 V, IDset = 200 mA
POUT
Output Power
dB
-
12.4
11
f = 470 MHz, PIN = 20 dBm
VDS = 4.5 V, IDset = 200 mA
GP
Power Gain
V
-
-
13
IDSS = 10 ㎂
BVDSS
Drain to Source Breakdown
Voltage
V
1.4
1.0
0.8
VDS = 4.8 V, ID = 1 mA
Vth
Threshold Voltage
mS
-
700
-
VDS = 4.8 V, ID = 400 mA
Gm
Transconductance
㎂
1
-
-
VGSS = 3.0 V
IGSS
Gate to Source Leakage Current
㎂
10
-
-
VDSS = 8.5 V, VGS = 0 V
IDSS
Drain to Source Leakage Current
Typ.
Max.
Unit
Min.
Test Conditions
Symbol
Parameter
TMF8901B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com