Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMF Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # DMF
Description  DANZ Monitoring Fabric™ Simple, Scalable, Economical
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DMF Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button DMF Datasheet HTML 2Page - Arista Networks, Inc DMF Datasheet HTML 3Page - Arista Networks, Inc DMF Datasheet HTML 4Page - Arista Networks, Inc DMF Datasheet HTML 5Page - Arista Networks, Inc DMF Datasheet HTML 6Page - Arista Networks, Inc DMF Datasheet HTML 7Page - Arista Networks, Inc DMF Datasheet HTML 8Page - Arista Networks, Inc DMF Datasheet HTML 9Page - Arista Networks, Inc DMF Datasheet HTML 10Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Datasheet
arista.com
arista.com
arista.com
arista.com
6
Feature
Description / Benefit
Pervasive Visibility
(Monitor or Tap Every Rack)
• Packet filtering, aggregation, tool port load-balancing, and packet replication
functions.
• Single switch or scale-out 1/2/3 layer fabric designs: 1G, 10G, 25G, 40G, 100G and
400G.
• Centralized fabric/policy definition and instrumentation of open Ethernet switches
within the network.
• Programmatic event-triggered monitoring (via REST API).
• Multiple overlapping match rules per filter interface based on a variety of L2, L3, L4
header, as well as via deeper packet matching (DPM) attributes.
• Time/packet-based scheduling of policies.
• Efficient utilization of open Ethernet switch capabilities via Controller Policy Optimizer
Engine.
High Performance, Highly
Scalable Network Monitoring
Fabric
• Resilient architecture for High Availability and disaster recovery use cases.
• Auto Fabric Path Computation that detects and responds to failures in the monitoring
network.
• Policy-based load balancing of core links with failover detection to efficiently utilize
fabric bandwidth and ensure resiliency.
• Detection of service node/link failure and an option to bypass the service.
• Link aggregation (LAG) in the open Ethernet fabric (including across core links, service
node links, and delivery links).
• Tagging policy or tap (filter) interfaces.
• Supports a variety of security and monitoring tool vendors.
• Supports a variety of NPBs as stand-alone or chained service nodes.
Centralized Management,
Configuration,
Troubleshooting
• DMF Controller is the single pane of glass for fabric and policy management.
• Policies can be configured from a centralized controller to forward flows from multiple
filter interfaces to multiple delivery interfaces, including optional service nodes.
Packet replication is made at the last common node to optimize the fabric bandwidth.
• GUI, REST API, and CLI for configuration and viewing operational state.
• Centralized interface, flow, and congestion-statistics collection.
• Simplified install/upgrade of the fabric via the DMF Controller (zero-touch fabric).
• Supports Ansible-enabled automated workflows to backup configs, reset the entire
deployment to factory default, and rebuild the DMF fabric with the Golden config.
• Supports virtual IP addresses for the controller high-availability pair.
Multi-DC/Multi-Site
Tunneling
(Tap Every Location)
• Centralized monitoring of remote DCs/POPs/branches/sites (across L3 WAN).
• Support tools located in a single tool farm in a centralized DC.
• Replication of packets across tunnels.
• Tunneling at 1G, 10G, 25G, 40G,100G and 400G bandwidths.
• Rate limiting of monitored traffic before entering L3 WAN.
• Tunneling enabled on a per-switch basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com