Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT3904F Datasheet(PDF) 2 Page - AUK corp

Part # SBT3904F
Description  NPN Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SBT3904F Datasheet(HTML) 2 Page - AUK corp

  SBT3904F Datasheet HTML 1Page - AUK corp SBT3904F Datasheet HTML 2Page - AUK corp SBT3904F Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KST-2083-000
2
SBT3904F
Absolute maximum ratings
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6V
Collector current
IC
200
mA
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10
×8×0.6mm
Electrical Characteristics
Ta=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BV
CBO
I
C=10µA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BV
CEO
I
C=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BV
EBO
I
E=10µA, IC=0
6
-
-
V
Collector cut-off current
I
CEX
V
CE=30V, VEB=3V
-
-
50
nA
DC current gain
h
FE
V
CE=1V, IC=10mA
100
-
300
-
Collector-Emitter saturation voltage
V
CE(sat)
I
C=50mA, IB=5mA
-
-
0.3
V
Transition frequency
f
T
V
CE=20V, IC=10mA,
f=100MHz
300
-
-
MHz
Collector output capacitance
C
ob
V
CB=5V, IE=0, f=1MHz
-
-
4
pF
Delay time
t
d
--
35
ns
Rise time
t
r
V
CC=3Vdc, VBE(off)=0.5Vdc.
I
C=10mAdc, IB1=1mAdc
--
35
ns
Storage time
t
s
-
-
200
ns
Fall Time
t
f
V
CC=3Vdc,IC=10mAdc,
I
B1=IB2=1mAdc
--
50
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com