Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08KX Datasheet(PDF) 36 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 36 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 32Page - Motorola, Inc M68ICS08KX Datasheet HTML 33Page - Motorola, Inc M68ICS08KX Datasheet HTML 34Page - Motorola, Inc M68ICS08KX Datasheet HTML 35Page - Motorola, Inc M68ICS08KX Datasheet HTML 36Page - Motorola, Inc M68ICS08KX Datasheet HTML 37Page - Motorola, Inc M68ICS08KX Datasheet HTML 38Page - Motorola, Inc M68ICS08KX Datasheet HTML 39Page - Motorola, Inc M68ICS08KX Datasheet HTML 40Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
36
Support Information
MOTOROLA
Support Information
3.5 KXICS Connector Signal Definitions
The tables in this section describe the pin assignments for the connectors on the
KXICS board.
3.5.1 Target Flex Cable Interface Connector J1
Table 3-1 J1 Target Flex Connector Pin Assignments
Pin
No.
Schematic
NET
Direction
Signal Description
1N/C
2N/C
3N/C
4
PTB7
Bidirectional
Port B I/O
5N/C
6
PTB6
Bidirectional
Port B I/O
7N/C
8
PTB5
Bidirectional
Port B I/O
9N/C
10
PTB4
Bidirectional
Port B I/O
11
N/C
12
N/C
13
N/C
14
PTB3
Bidirectional
Port B I/O
15
TGT_PTA0
Bidirectional
Port A I/O
16
PTB2
Bidirectional
Port B I/O
17
TGT_PTA1
Bidirectional
Port A I/O
18
TGT_PTB1
Bidirectional
Port B I/O
19
PTA2
Bidirectional
Port A I/O
20
TGT_PTB0
Bidirectional
Port B I/O
21
PTA3
Bidirectional
Port A I/O
22
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com