Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7113 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7113
Description  WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7113 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7113 Datasheet HTML 1Page - ADDtek Corp AMC7113 Datasheet HTML 2Page - ADDtek Corp AMC7113 Datasheet HTML 3Page - ADDtek Corp AMC7113 Datasheet HTML 4Page - ADDtek Corp AMC7113 Datasheet HTML 5Page - ADDtek Corp AMC7113 Datasheet HTML 6Page - ADDtek Corp AMC7113 Datasheet HTML 7Page - ADDtek Corp AMC7113 Datasheet HTML 8Page - ADDtek Corp AMC7113 Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMC7110/1/3/4
Copyright
© 2007 ADDtek Corp.
2
DD028_F
--
JUNE 2007
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage, VDD
-0.3V to 7V
Output Voltage, VLEDn
-0.3V to 7V
Voltage at all other pins
-0.3V to 5.5V
Maximum Junction Temperature, TJ
150
OC
Storage Temperature Range
-40
OC to 150OC
Lead Temperature (soldering, 10 seconds)
260
OC
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
( °C/W )
Derating factor ( mW/°C )
TA≧25
OC
TA≦25 °C
Power rating (mW)
TA=70 °C
Power rating (mW)
TA= 85°C
Power rating (mW)
DB
220
4.5
568
363
295
DJ
220
4.5
568
363
295
DN
180
5.56
695
444
361
W
76.5
13.1
1634
1045
849
Note :
Junction Temperature Calculation:
T
J = T
A + (PD x θJA).
P
D: Power Dissipation, T
A: Ambient temperature, θJA: Thermal Resistance-Junction to Ambient
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
BLOCK DIAGRAM
VDDI
EN
VDD
GND
LED1
Driving
Stage
LED2
Driving
Stage
LED3
Driving
Stage
Control
Logic
AMC7110
Reference
Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com