Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1505U Datasheet(PDF) 3 Page - Same Sky Devices

Part # CS1505U
Description  CURRENT SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CS1505U Datasheet(HTML) 3 Page - Same Sky Devices

  CS1505U Datasheet HTML 1Page - Same Sky Devices CS1505U Datasheet HTML 2Page - Same Sky Devices CS1505U Datasheet HTML 3Page - Same Sky Devices CS1505U Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SAME SKY | SERIES: CSXX05U | DESCRIPTION: CURRENT SENSOR
date 09/12/2024 | page 3 of 4
sameskydevices.com
PERFORMANCE CURVES
0.5
1.0
1.5
2.0
4.5
4.0
3.5
3.0
2.5
5.0
0
80
60
40
20
-20
0
2.26
2.28
2.30
2.32
2.34
n=5
Max.
Ave.
Min.
80
60
40
20
-20
0
0.27
0.28
0.29
0.30
0.31
n=5
Max.
Ave.
Min.
0.32
0.26
100
80
70
60
90
10
100
1k
10k
100k
Ambient Temperature (°C)
Ambient Temperature (°C)
Input Current (A)
Frequency Input Current (Hz)
Output Voltage vs. Input Current
Output Voltage vs. Ambient Temperature
(at +If)
Offset Voltage vs. Ambient Temperature
(at Zero Current)
DERATING CURVE
Ambient Temperature (°C)
-10
60
80
100
40
20
0
40
Temperature Derating Curve
(Natural Convection)
0
80
20
30
50
60
70
45
75
Input Current Frequency vs. Output Attenuation
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com