Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC8213 Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC8213
Description  200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8213 Datasheet(HTML) 4 Page - ADDtek Corp

  AMC8213 Datasheet HTML 1Page - ADDtek Corp AMC8213 Datasheet HTML 2Page - ADDtek Corp AMC8213 Datasheet HTML 3Page - ADDtek Corp AMC8213 Datasheet HTML 4Page - ADDtek Corp AMC8213 Datasheet HTML 5Page - ADDtek Corp AMC8213 Datasheet HTML 6Page - ADDtek Corp AMC8213 Datasheet HTML 7Page - ADDtek Corp AMC8213 Datasheet HTML 8Page - ADDtek Corp AMC8213 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMC8213
Copyright
© 2006 ADDtek Corp.
4
DD063_C
--
JUNE 2006
ELECTRICAL CHARACTERISTICS
TA = 25
OC; V
CC
1 = V CC2 = 7.0V; Contrast = 4V; R, G, B Gain Adj. = 4V; VOUT DC Setting = 1V;
Fast Blanking = 0V; Clamp Gate = 0V; OSD Inputs = 0V, unless otherwise stated. (see Figure 1)
AMC8213
AC Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Video Amplifier Gain
AVMAX
VIN = 635mVPP
6
7
V/V
Gain Adjustment Range
AVADJ
V13,15,18 = 0 to 4V
5
6
dB
Video Bandwidth
BW
VPP = 4V
200
MHz
Video Output Rise Time
tr
VPP = 4V, C
LOAD = 7pf
tr of VIN = 1.5ns
1.75
2.1
ns
Video Output Fall Time
tf
VPP = 4V, C
LOAD = 7pf
tf of VIN = 1.5ns
1.75
2.1
ns
OSD Rise Time
trOSD
V20,21,22 = TTL Level, V1 = 5V
3.0
5.0
ns
OSD Fall Time
tfOSD
V20,21,22 = TTL Level, V1 = 5V
3.0
5.0
ns
OSD Propagation Delay
tV-O
See figure 2
10.0
12.0
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com