Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7660MF Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7660MF
Description  DC - DC CONVERTER CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7660MF Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7660MF Datasheet HTML 1Page - ADDtek Corp AMC7660MF Datasheet HTML 2Page - ADDtek Corp AMC7660MF Datasheet HTML 3Page - ADDtek Corp AMC7660MF Datasheet HTML 4Page - ADDtek Corp AMC7660MF Datasheet HTML 5Page - ADDtek Corp AMC7660MF Datasheet HTML 6Page - ADDtek Corp AMC7660MF Datasheet HTML 7Page - ADDtek Corp AMC7660MF Datasheet HTML 8Page - ADDtek Corp AMC7660MF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AMC7660
Copyright
© 2006 ADDtek Corp.
2
DD057_C
--
JUNE 2006
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage (VCC) ………………………………………………………………………………..…40V
Operating Junction temperature
Plastic (M, DM Package) …………………………………………………………………………….…….. 150
OC
Storage Temperature Range …………………………………………………………………...…. -65
OC to 150 OC
Lead temperature (Soldering, 10 seconds) …………………………………………………………..………300
OC
Note 1: Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground.
Currents are positive into,
negative out of the specified terminal.
THERMAL DATA
M PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
95
OC/W
DM PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
165
OC/W
BLOCK DIAGRAM
Oscillator
C
T
I sense
GND
V
CC
I
S
100
2
5
1.25V
8
Q1
Q2
1
OC2
OC1
E1
IN-
V
T
C
3
6
4
7
R
Q
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com