Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC34063AM Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC34063AM
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC34063AM Datasheet(HTML) 3 Page - ADDtek Corp

  AMC34063AM Datasheet HTML 1Page - ADDtek Corp AMC34063AM Datasheet HTML 2Page - ADDtek Corp AMC34063AM Datasheet HTML 3Page - ADDtek Corp AMC34063AM Datasheet HTML 4Page - ADDtek Corp AMC34063AM Datasheet HTML 5Page - ADDtek Corp AMC34063AM Datasheet HTML 6Page - ADDtek Corp AMC34063AM Datasheet HTML 7Page - ADDtek Corp AMC34063AM Datasheet HTML 8Page - ADDtek Corp AMC34063AM Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMC34063A
Copyright
© 2006 ADDtek Corp.
3
DD014_E -- JUNE 2006
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Comparator Input Voltage
VFB
-0.3 to + 40
V
Switch Collector Voltage
VC(switch)
40
V
Switch Emitter Voltage (VPin1=40V)
VE(switch)
40
V
Switch Collector to Emitter Voltage
VCE(switch)
40
V
Driver Collector Voltage
VC(driver)
40
V
Driver Collector Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Timing Capacitor (connected to Cap pin)
CT
1
nF
Operating Ambient Temperature Range
TA
0 to +70
°C
Note 1: Maximum package power dissipation limits must be observed.
ELECTRICAL CHARACTERISTICS
VCC=5.0 V, TA=0°C to 70°C, unless otherwise specified.
AMC34063A
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
OSCILLATOR
Frequency
fosc
VPin 5 = 0 V, CT = 1.0 nF, TA = 25°C
24
33
42
KHz
Charge Current
Ichg
VCC = 5.0 V to 40 V, TA = 25°C
24
35
42
µA
Discharge Current
Idischg
VCC = 5.0 V to 40 V, TA = 25°C
140
220
260
µA
Discharge to Charge Current Ratio Idischg/Ichg Pin 7 to VCC, TA = 25°C
5.2
6.5
7.5
-
Current Limit Sense Voltage
Vsense
Ichg = Idischg, TA = 25°C
250
300
350
mV
OUTPUT SWITCH
Saturation Voltage, Darlington
Connection
VCE(sat) ISW = 1.0 A, Pins 1, 8 connected
-
1.0
1.3
V
Saturation Voltage
VCE(sat)
ISW = 1.0 A, Rpin 8 =82 Ω to VCC,
Forced
β = 20
-
0.45
0.7
V
DC Current Gain
hFE
ISW = 1.0 A, VCE = 5.0 V, TA = 25°C
50
75
-
-
Collector Off─State Current
IC(off)
VCE = 40 V
-
0.01
100
µA
COMPARATOR
TA = 25°C
1.225
1.25
1.275
Threshold Voltage
Vth
TA =0°C to 70°C
1.21
-
1.29
V
Threshold Voltage Line Regulation
Regline VCC = 3.0 V to 40 V
-
1.4
5.0
mV
Input Bias Current
IIB
VFB = 0 V
-
-20
-400
nA
TOTAL DEVICE
Supply current
ICC
VCC = 5.0 V to 40 V,
CT = 1.0nF, Pin 7 = VCC,
VFB > Vth, Pin 2= GND, remaining
pins open
-
-
4.0
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com