Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC34063ADMF Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC34063ADMF
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC34063ADMF Datasheet(HTML) 2 Page - ADDtek Corp

  AMC34063ADMF Datasheet HTML 1Page - ADDtek Corp AMC34063ADMF Datasheet HTML 2Page - ADDtek Corp AMC34063ADMF Datasheet HTML 3Page - ADDtek Corp AMC34063ADMF Datasheet HTML 4Page - ADDtek Corp AMC34063ADMF Datasheet HTML 5Page - ADDtek Corp AMC34063ADMF Datasheet HTML 6Page - ADDtek Corp AMC34063ADMF Datasheet HTML 7Page - ADDtek Corp AMC34063ADMF Datasheet HTML 8Page - ADDtek Corp AMC34063ADMF Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMC34063A
Copyright
© 2006 ADDtek Corp.
2
DD014_E -- JUNE 2006
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage (VCC) ………………………………………………………………………………..…40V
Operating Junction temperature (M, DM Packages) ………………………………................................ 150 °C
Storage Temperature Range …………………………………………………………………...…. -65°C to 150°C
Lead temperature (Soldering, 10 seconds) …………………………………………………………..………300°C
Note 1:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into,
negative out of the specified terminal.
THERMAL DATA
M PACKAGE:
Power dissipation (PD), TA = 25 °C
1.31W
Thermal Resistance-Junction to Ambient,
θ
JA
95°C /W
DM PACKAGE:
Power dissipation (PD), TA = 25 °C
757mW
Thermal Resistance-Junction to Ambient,
θ
JA
165°C /W
BLOCK DIAGRAM
Oscillator
4
3
Gnd
Cap
1.25V
Reference
C
T
2
1
SE
SC
100
Q2
Q1
Q
Isen
5
6
V
FB
V
CC
7
8
R
S
SEN
I
DrC
PIN ASSIGNMENT DESCRIPTIONS
Pin 1 : SC
- Switch Collector
Pin 8 : DrC - Driver Collector
Pin 2 : SE
- Switch Emitter
Pin 7 : ISEN - I Peak Sense
Pin 3 : Cap
- Oscillator Timing Capacitor
Pin 6 : VCC - Power Supply
Pin 4 : GND
- Ground
Pin 5 : VFB - Comparator inverting input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com