Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5506WACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5506WACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506WACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5506WACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
ADL5506
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Complete RF detector function
Typical dynamic range: 45 dB (±1.0 dB)
Frequency range from 30 MHz to 4.5 GHz
Excellent temperature stability
Stable linear in decibel response
Power on/off response time: 65 ns/145 ns (rise/fall)
−5 dBm input power applied
Operates from −40°C to +85°C
Low power: 3.8 mA at 3.0 V
Power supply voltage range from 2.5 V to 5.5 V
Disable current <1 µA
AEC-Q100 qualified for automotive applications
APPLICATIONS
RSSI and TSSI for wireless terminal devices
RF transmitter or receiver power measurement
Automotive RF bidirectional amplifiers
GENERAL DESCRIPTION
The ADL5506 is a complete, low cost subsystem for the measure-
ment of RF signals in the 30 MHz to 4.5 GHz frequency range, with
a typical dynamic range of 45 dB, intended for use in a wide variety
of wireless terminal devices. It provides a wider dynamic range and
better accuracy than is possible using discrete diode detectors. In
particular, its temperature stability is excellent over −40°C to +85°C.
Its high sensitivity allows measurement of low power levels, thus
reducing the amount of power that needs to be coupled to the
detector. It is essentially a voltage responding device, with a typical
dynamic range of 45 dB.
For convenience, the signal is internally ac-coupled, using a 5
pF capacitor and a broadband 50 Ω match, with an external
shunt resistor of 52 Ω. This high-pass coupling, with a corner at
approximately 19 MHz, determines the lowest operating frequency.
Therefore, the source can be dc grounded.
The ADL5506 output increases from approximately 0.14 V to a little
over 1 V as the input signal level increases from +1.25 mV rms
(−45 dBm) to +400 mV rms (+5 dBm). The output is proportional
to the logarithm of the input power level; that is, the reading is
presented directly in decibels and is scaled about 18 mV/dB at 900
MHz. A capacitor can be connected between the VLOG pin and
the CFLT pin when it is desirable to increase the time interval over
which averaging of the input waveform occurs.
The ADL5506 is available in a 6-ball WLCSP and consumes 3.8
mA from a 3.0 V supply. When powered down, the typical disable
supply current is <1 µA.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADL5506WACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
ADL5506-EVALZ AD-ADL5506-EVALZ Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
ADL5506ACBZ-R7 AD-ADL5506ACBZ-R7 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
More results

Similar Description - ADL5506WACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314 Datasheet
274Kb / 16P
100 MHz-2500 MHz 45 dB RF Detector/Controller
REV.0
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8314ACPZ AD-AD8314ACPZ Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com