Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI1816 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI1816
Description  All-Ways-OnTM Constant-Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBI1816 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MBI1816 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI1816 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MBI1816
16-Channel Constant-Current LED Driver
November 2004, V1.00
- 7 -
OE
The maximum allowable package power dissipation is determined as PD(max) = (Tj – Ta) / Rth(j-a). When 16 output
channels are turned on simultaneously, the actual package power dissipation is PD(act) = (IDD x VDD) + (IOUT x Duty x
VDS x 16). Therefore, to keep PD(act) ≤ PD(max), the allowable maximum output current as a function of duty cycle is:
IOUT = { [ (Tj – Ta) / Rth(j-a) ] – (IDD x VDD) } / VDS / Duty / 16,
where Tj = 125
°C;
Duty= tON / T;
tON: the time of LEDs turning on; T:
signal period
*Note 1: The thermal resistor Rth(j-a) =117 °C/W; it is based on the following structure.
The PCB area L2xW2 is 4 times to the
IC
’s area L1xW1.
The thickness of the PCB is 1.6 mm,
copper foil 1 OZ. The thermal pad on the
IC
’s bottom has to be mounted on the
copper foil.
L1
W1
W2
L2
Copper foil



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com