Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL12S Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL12S
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL12S Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL12S Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL12S Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TSL12S, TSL13S, TSL14S
LIGHT-TO-VOLTAGE CONVERTERS
TAOS051E − SEPTEMBER 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL12S
0°C to 70°C
3-lead Sidelooker
S
TSL12S
TSL12S
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL12S−LF
TSL12S
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL12SM−LF
TSL13S
0°C to 70°C
3-lead Sidelooker
S
TSL13S
TSL13S
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL13S−LF
TSL13S
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL13SM−LF
TSL14S
0°C to 70°C
3-lead Sidelooker
S
TSL14S
TSL14S
0°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL14S−LF
TSL14S
0°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL14SM−LF
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
1
Power supply ground (substrate). All voltages are referenced to GND.
OUT
3
O
Output voltage.
VDD
2
Supply voltage.
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25°C (see Note 2)
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−25°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds (S Package)
260°C
. . . . . . . . . . . . . . . . . . . .
Reflow solder, in accordance with J-STD-020C or J-STD-020D (SM Package)
260°C
. . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages are with respect to GND.
2. Output may be shorted to supply.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com