Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2014 Datasheet(PDF) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL2014
Description  896 x 1 LINEAR SENSOR ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL2014 Datasheet(HTML) 2 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL2014 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL2014 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSL2014
896 y 1 LINEAR SENSOR ARRAY
TAOS040B − MAY 2007
2
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AO1
3
O
Analog output of section 1.
AO2
8
O
Analog output of section 2.
CLK
6
I
Clock. The clock controls the charge transfer, pixel output and reset.
GND
7
Ground (substrate). All voltages are referenced to GND.
SI1
2
I
Serial input (section 1). SI1 defines the start of the data-out sequence.
SI2
5
I
Serial input (section 2). SI2 defines the start of the data-out sequence.
SO1
4
O
Serial output (section 1). SO1 signals the end of the data out sequence and provides a signal to drive the input
of section 2 (SI2) in serial mode.
SO2
9
O
Serial output (section 2). SO2 signals the end of the data out sequence and provides a signal to drive the input
of another device for cascading.
VDD
1, 10
Supply voltage. Supply voltage for both analog and digital circuits.
Detailed Description
The sensor consists of 896 photodiodes arranged in a linear array. Light energy impinging on a photodiode
generates photocurrent, which is integrated by the active integration circuitry associated with that pixel. During
the integration period, a sampling capacitor connects to the output of the integrator through an analog switch.
The amount of charge accumulated at each pixel is directly proportional to the light intensity and the integration
time. The integration time is the interval between two consecutive output periods.
The output and reset of the integrators is controlled by two 448-bit shift registers and reset logic. A 448-pixel
output cycle is initiated by clocking in a logic 1 into the SI input of a section for one positive going clock edge
(see Figures1 and 2)†. The two 448-pixel sections may be operated independently using a single clock input
or connected in series to form a 896-pixel array. Each section has an independent output (AO), which may be
connected together for the 896-pixel function.
When operating in the 896-pixel mode, as the SI pulse is clocked through the 896-bit shift register, the charge
on the sampling capacitor of each pixel is sequentially connected to a charge-coupled output amplifier that
generates a voltage output, AO. When the bit position goes low, the pixel integrator is reset. On the 897th clock
rising edge, the SI pulse is clocked out of the shift register (S2) and the output assumes a high-impedance state.
Note that this 897th clock pulse is required to terminate the output of the 896th pixel and return the internal logic
to a known state. A subsequent SI pulse can be presented as early as the 898th clock pulse, thereby initiating
another pixel output cycle.
The voltage developed at analog output (AO) is given by:
Vout = Vdrk + (Re) (Ee) (tint)
where:
Vout
is the analog output voltage for white condition
Vdrk
is the analog output voltage for dark condition
Re
is the device responsivity for a given wavelength of light given in V/(μJ/cm2)
Ee
is the incident irradiance in μW/cm2
tint
is integration time in seconds
AO is driven by a source follower that requires an external pulldown resistor (330-Ω typical). The output is
nominally 0 V for no light input, 2 V for normal white-level, and 3.4 V for saturation light level. When the device
is not in the output phase, AO is in a high impedance state.
A 0.1 μF bypass capacitor should be connected between VDD and ground as close as possible to the device.
† For proper operation, after meeting the minimum hold time condition, SI must go low before the next rising edge of the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com