Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2001 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # F2001
Description  PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

F2001 Datasheet(HTML) 2 Page - Polyfet RF Devices

  F2001 Datasheet HTML 1Page - Polyfet RF Devices F2001 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F2001 POUT VS PIN IDQ=0.2A; F=1000 MHZ; VDS=28V
PIN IN WATTS
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
POUT
0
2
4
6
8
10
12
14
GAIN
POUT
GAIN
Efficiency = 35%
POUT VS PIN GRAPH
F2001
F2A 1 DIE CAPACITANCE VS VDS
VDS IN VOLTS
1
10
100
0
5
10
15
20
25
30
Crss
Coss
Ciss
F2A 1 DIE IV CURVE
VDS IN VOLTS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
VGS = 2V
VGS = 4V
VGS = 6V
VGS = 8V
VGS = 10V
VGS 12V
F2A 1 DIE GM & ID vs VGS
Vgs in Volts
0.01
0.1
1
10
0
2
4
6
8
10
12
14
16
18
Gm
Id
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
CAPACITANCE VS VOLTAGE
IV CURVE
ID AND GM VS VGS
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
REVISION
8/1/97



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com