Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPR5 Datasheet(PDF) 1 Page - Power-One

Part # PPR5
Description  3 & 6 Position Power Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PPR5 Datasheet(HTML) 1 Page - Power-One

  PPR5 Datasheet HTML 1Page - Power-One PPR5 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The Power-One PPR 5/7 3 and 6
position rectifier backplane provides a
cost-effective power solution in a high
density wall-mounted footprint. These
power solutions provide rectification,
system
management,
and
power
distribution
while
maintaining
high
reliability and offering flexibility for
future expansion. The PPS 5/7 3 & 6
Position systems are based on hot-
swappable rectifier modules output
power available at 450, 560 or 670W per
module.
Features
• 115/230 VAC input
• 24V, or 48VDC output
• Serial or parallel alarm configurations
• Active load sharing
• Hot-swappable
• International standards compliance
• Natural convection cooling
• Systems can be paralleled
• Individual rectifier output adjustment
6 Position System
Shown
PPR 5/7
3 & 6 Position Power Systems
www.power-one.com


Similar Part No. - PPR5

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PPR EDI-PPR Datasheet
53Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL WAVE BRIDGE 5.0 AMPERES HEAT SINK MOUNTING 2.0 AMPERES FOR P.C. BOARD MOUNTING
logo
Illinois Capacitor, Inc...
PPR ILLINOISCAPACITOR-PPR Datasheet
343Kb / 3P
High Pulse Currents - High voltage
logo
ABL Aluminium Component...
PPR ABL-PPR Datasheet
749Kb / 6P
HEATSINK SELECTION
logo
CUI INC
PPR-1U CUI-PPR-1U Datasheet
1Mb / 11P
RACK ACCESSORY
PPR-1U-A CUI-PPR-1U-A Datasheet
1Mb / 11P
RACK ACCESSORY
More results

Similar Description - PPR5

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
FRJAE-408 AMPHENOL-FRJAE-408 Datasheet
117Kb / 1P
FRJAE ASSEMBLY, 6 POSITION AND 8 POSITION
logo
ALPS ELECTRIC CO.,LTD.
SRRN ALPS-SRRN_15 Datasheet
1Mb / 5P
6-position Vertical Type
logo
Suntsu Electronics, Inc...
SATCA-26A7G53C-CEB4 SUNTSU-SATCA-26A7G53C-CEB4 Datasheet
1,002Kb / 5P
GSM/3G Position Routers & Tracking Systems
SATCA-26C7I53C-CEB4 SUNTSU-SATCA-26C7I53C-CEB4 Datasheet
1Mb / 5P
GSM/3G Position Routers & Tracking Systems
SATCA-27A8A3C-CEB4 SUNTSU-SATCA-27A8A3C-CEB4 Datasheet
1Mb / 5P
GSM/3G Position Routers & Tracking Systems
SATCA-40E10I3C-CEB4 SUNTSU-SATCA-40E10I3C-CEB4 Datasheet
1Mb / 5P
GSM/3G Position Routers & Tracking Systems
SATCA-40I10II-CEB4 SUNTSU-SATCA-40I10II-CEB4 Datasheet
974Kb / 5P
GSM/3G Position Routers & Tracking Systems
SATPC-35A7AB5-CEB4 SUNTSU-SATPC-35A7AB5-CEB4 Datasheet
658Kb / 4P
GSM/3G Position Routers & Tracking Systems
SATPC-35A7AF-CEB4 SUNTSU-SATPC-35A7AF-CEB4 Datasheet
555Kb / 4P
GSM/3G Position Routers & Tracking Systems
SATPC-75A8FB5-CEB4 SUNTSU-SATPC-75A8FB5-CEB4 Datasheet
910Kb / 4P
GSM/3G Position Routers & Tracking Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com