Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS7 Datasheet(PDF) 2 Page - Power-One

Part # PPS7
Description  Legacy Products- For Reference Only
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PPS7 Datasheet(HTML) 2 Page - Power-One

  PPS7 Datasheet HTML 1Page - Power-One PPS7 Datasheet HTML 2Page - Power-One PPS7 Datasheet HTML 3Page - Power-One PPS7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AUG 29, 2006
Page 2 of 4
www.power-one.com
Legacy Products- For Reference Only
PPS 7 Power System (Shelf Systems)
PPS 7-2100 System
An all-in-one 3U high shelf system that can
be installed in both 19” and ETSI telecom
cabinet solutions. The system subrack can
accommodate up to three rectifier modules,
a
supervision
module
(PCU),
and
DC
distribution with a single battery breaker and
six load breakers.
System Configurations
PPS 7-2800 System
An all-in-one 3U high shelf system that can
be installed in both 19” and ETSI telecom
cabinet solutions. The system subrack can
accommodate up to four rectifier modules, a
supervision
module
(PCU),
and
DC
distribution with a single battery breaker and
a single load breaker.
PPS 7-3500 System
An all-in-one 6U high shelf system that can
be installed in 19” and ETSI telecom
cabinet solutions. The system subrack can
accommodate up to five rectifier modules, a
supervision
module
(PCU),
and
DC
distribution with up to two battery breakers
and twenty load breakers.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com