Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG200 Datasheet(PDF) 20 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LOG200 Datasheet HTML 16Page - Texas Instruments LOG200 Datasheet HTML 17Page - Texas Instruments LOG200 Datasheet HTML 18Page - Texas Instruments LOG200 Datasheet HTML 19Page - Texas Instruments LOG200 Datasheet HTML 20Page - Texas Instruments LOG200 Datasheet HTML 21Page - Texas Instruments LOG200 Datasheet HTML 22Page - Texas Instruments LOG200 Datasheet HTML 23Page - Texas Instruments LOG200 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
When a difference amplifier with reference voltage VREF is implemented to compare the outputs of two
logarithmic amplifiers with input currents I1 and I2,
VOUT2−VOUT1= kTq ln I1IS1 − kTq ln I2IS2
(3)
As IS1 is approximately equivalent to IS2 by design, this equation is equivalent to:
VOUT2−VOUT1= kTq ln I1I2 = kT0.434q log10 I1I2
(4)
+
+
+
V
LOGOUT
V
REF
V
CM
I1
I2
R
3
R
4
R
2
R
1
U
1
U
2
U
3
V
OUT1
V
OUT2
Figure 7-2. LOG200 Difference Amplifier
In the LOG200, the internal input resistors of the difference amplifier have a positive temperature coefficient to
compensate for the temperature dependence of the above expression. The difference amplifier also gains up the
nominal output, such that the output of the LOG200 is:
VLOGOUT=K×log10 I1I2 +VREF
(5)
where K is the device scaling factor, nominally 250mV/decade. Thus, for each decade or order of magnitude
shift in the difference of I1 and I2, the device output is correspondingly shifted by 250mV (such as by 250mV for
I1 = 10µA and I2 = 1µA, or by –500mV for I1 = 10nA and I2 = 1µA).
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com