Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 15Page - Texas Instruments LP2951 Datasheet HTML 16Page - Texas Instruments LP2951 Datasheet HTML 17Page - Texas Instruments LP2951 Datasheet HTML 18Page - Texas Instruments LP2951 Datasheet HTML 19Page - Texas Instruments LP2951 Datasheet HTML 20Page - Texas Instruments LP2951 Datasheet HTML 21Page - Texas Instruments LP2951 Datasheet HTML 22Page - Texas Instruments LP2951 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
6 Detailed Description
6.1 Overview
The LP2951-Q1 is low-dropout voltage regulator that accommodates a wide input supply voltage range up
to 30V. The 8-pin LP2951-Q1 outputs either a fixed or adjustable output from the same device. By tying the
OUTPUT and SENSE pins together, and the FEEDBACK and VTAP pins together, the LP2951-Q1 outputs a fixed
5V or 3.3V (depending on the version). Alternatively, by leaving the SENSE and VTAP pins unconnected and
connecting FEEDBACK to an external resistor divider, the output can be set to any value between 1.2V to 30V.
The LP2951-Q1 has a error flag output (ERROR) that monitors the voltage at the feedback pin to indicate the
status of the output voltage. The SHUTDOWN input and ERROR output are used for sequencing multiple power
supplies in the system.
The LP2951-Q1 is stable with small ceramic output capacitors, allowing for a small overall solution size. The
LP2951-Q1 has an output tolerance of 1% across line, load, and temperature variation (new chip) and is capable
of delivering 100mA of continuous load current. This device includes integrated thermal shutdown, current limit,
and undervoltage lockout (UVLO) features. This device delivers excellent line and load transient performance.
The operating ambient temperature range of the device is –40°C to 125°C.
6.2 Functional Block Diagram
Bandgap
Reference
OUTPUT
Internal
Controller
Brick-wall
Current
Limit
Thermal
Shutdown
SHUTDOWN
Internal
Supply
UVLO
+
–
FEEDBACK
SENSE
VTAP
ERROR
GND
INPUT
www.ti.com
LP2951-Q1
SLVSAW6H – JUNE 2011 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LP2951-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com