Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2140 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2140
Description  Infrared Encoder/Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2140 Datasheet HTML 18Page - Microchip Technology MCP2140 Datasheet HTML 19Page - Microchip Technology MCP2140 Datasheet HTML 20Page - Microchip Technology MCP2140 Datasheet HTML 21Page - Microchip Technology MCP2140 Datasheet HTML 22Page - Microchip Technology MCP2140 Datasheet HTML 23Page - Microchip Technology MCP2140 Datasheet HTML 24Page - Microchip Technology MCP2140 Datasheet HTML 25Page - Microchip Technology MCP2140 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
MCP2122
DS20001894D-page 22
 2004-2024 Microchip Technology Inc. and its subsidiaries
FIGURE 4-4:
I/O WAVEFORM
TABLE 4-4:
I/O TIMING REQUIREMENTS
AC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40
C  TA  +125C (Extended)
Operating Voltage VDD range is described in
Section 4.1 “DC Characteristics”
Param.
No.
Sym
Characteristic
Min
Typ (1)
Max
Units
Conditions
20A
ToR
RX pin rise time (2, 3)
—
10
25
ns
VDD
 2.7V (Note 3)
20B
—
10
60
ns
VDD = 1.8V (Note 3)
20C
TXIR pin rise time (2, 3)
—
10
25
ns
VDD
 2.7V (Note 3)
20D
—
10
60
ns
VDD = 1.8V (Note 3)
21A
ToF
RX pin fall time (2, 3)
—
10
35
ns
Note 3
21C
TXIR pin fall time (2, 3)
—
10
25
ns
Note 3
Note 1: Data in the Typical (“Typ”) column is at 5V, +25
C unless otherwise stated. These parameters are for design
guidance only and are not tested.
2: See Figure 4-2 for loading conditions.
3: These parameters (shaded) are characterized but are not tested. These values should be used for design
guidance only.
16XCLK
RX or
20, 21
Old Value
New Value
Note: Refer to Figure 4-2 for load conditions.
TXIR Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com