Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB Datasheet(PDF) 1 Page - Littelfuse

Part # HSB
Description  Bolt-down Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HSB Datasheet(HTML) 1 Page - Littelfuse

  HSB Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bolt-down Fuses

w w w . l i t t e l f u s e . c o m
© 2006 Littelfuse • Automotive Circuit Protection Products
HSB Fuse Rated 32V
Specifications
Material:
Zinc-alloy
Connections:
Zinc-alloy
2 x M6 bolts, distance 30 mm
Starting torque:
4 Nm +/- 1 Nm
Last figure of part number = packaging code, see Section “Packaging Index,” pg. 157.
Corresponding holder see Section “Fuse Holders.”
FI = 1.00 (max. operating current:
1.0 x I
rat at 23°C)
Non-housed fuse strips for rated voltage up to 32 VDC. Current
rating 35 A -175 A. Ring type lugs.
Sicherungsstreifen ohne Gehäuse für Nennspannungen bis 32
VDC.Nennstrom 35 A bis 175 A. Anschlüsse mit Bohrung.
Part Number
Artikel-Nr.
Current Rating
Nennstrom
Typ. Voltage Drop
Typ. Spannungsfall
Cold Resistance
Kaltwiderstand
It
156.5677.530_
30 A
44mV
1.33 m
Ω
30–3800 A²s
156.5677.540_
40 A
40mV
0.89 m
Ω
40–11200 A²s
156.5677.550_
50 A
44mV
0.72 m
Ω
50–21300 A²s
156.5677.560_
60 A
38mV
0.58 m
Ω
60–41400 A²s
156.5677.580_
80 A
40mV
0.43 m
Ω
80–44800 A²s
156.5677.611_
110 A
40mV
0.31 m
Ω
110–13900 A²s
156.5677.615_
150 A
52mV
0.23 m
Ω
150–465000 A²s
156.5677.617_
175 A
46mV
0.22 m
Ω
175–560000 A²s
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating
% des Nennstromes
Opening Time Min / Max (s)
Schmelzcharakteristik Min / Max (s)
100
∞ / –
125
100 h / –
300
100 ms / 10 s
600
20 ms / 1 s
1000
10 ms / 300 ms
Pre-arcing Time - limits / Schmelzzeit-Grenzwerte DIN
Dimensions in mm / Maße in mm


Similar Part No. - HSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSB ETC2-HSB Datasheet
72Kb / 1P
SOI Complementary Bipolar Process
logo
AAEON Technology
HSB-440I AAEON-HSB-440I Datasheet
734Kb / 2P
Onboard STPC짰 Atlas System-on-Chip
HSB-460I AAEON-HSB-460I Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-460I-A10 AAEON-HSB-460I-A10 Datasheet
630Kb / 1P
AMD Geode GX1 Processor
HSB-460I-A10-01 AAEON-HSB-460I-A10-01 Datasheet
630Kb / 1P
AMD Geode GX1 Processor
More results

Similar Description - HSB

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04980900ZXT LITTELFUSE-04980900ZXT Datasheet
174Kb / 1P
Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse
0498030M LITTELFUSE-0498030M Datasheet
146Kb / 2P
Clear MIDI짰 Style Bolt-down Fuse Rated 32V
0294030.MXJ LITTELFUSE-0294030.MXJ Datasheet
59Kb / 1P
BOLT DOWN HIGH CURRENTCARTRIDGE FUSE
logo
Tripp Lite. All Rights ...
SRBOLTDOWN TRIPPLITE-SRBOLTDOWN Datasheet
478Kb / 2P
SmartRack Bolt-Down Kit - Secures stabilizing brackets or plates to facility floor
logo
Littelfuse
02981001ZXT LITTELFUSE-02981001ZXT_12 Datasheet
209Kb / 1P
Bolt-down Fuse Holders for MEGA Style Fuse
02981001ZXT LITTELFUSE-02981001ZXT_V01 Datasheet
225Kb / 1P
MEGA짰 298 BOLT-DOWN SERIES HIGH-CURRENT FUSE HOLDER
080421-A
02981028-BP LITTELFUSE-02981028-BP Datasheet
147Kb / 1P
MEGA짰 FLEX SERIES BOLT-DOWN FUSE HOLDER
080421-A
04980917ZXT LITTELFUSE-04980917ZXT Datasheet
169Kb / 1P
MIDI 498 SERIES 32V BOLT-DOWN HIGH-CURRENT FUSE HOLDER
080421-A
FUSESTRIPS177 LITTELFUSE-FUSESTRIPS177 Datasheet
161Kb / 1P
FUSE STRIPS 177 80V HIGH-AMP BOLT-DOWN STRIP FUSE HOLDER
2021
MIDI498-IL LITTELFUSE-MIDI498-IL Datasheet
168Kb / 1P
32V BOLT-DOWN FUSE HOLDER
2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com