Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9081 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9081
Description  Dual Band Receiver IC High Sensitivity
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9081 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9081 Datasheet HTML 1Page - Micro Analog systems MAS9081 Datasheet HTML 2Page - Micro Analog systems MAS9081 Datasheet HTML 3Page - Micro Analog systems MAS9081 Datasheet HTML 4Page - Micro Analog systems MAS9081 Datasheet HTML 5Page - Micro Analog systems MAS9081 Datasheet HTML 6Page - Micro Analog systems MAS9081 Datasheet HTML 7Page - Micro Analog systems MAS9081 Datasheet HTML 8Page - Micro Analog systems MAS9081 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 (12)
DA9081.006
1 August, 2005
MAS9081
• Dual Band Receiver IC
•
High Sensitivity
•
Very Low Power Consumption
•
Wide Supply Voltage Range
•
Power Down Control
•
Control for AGC On
•
High Selectivity by Crystal Filter
•
Fast Startup Feature
DESCRIPTION
The MAS9081 AM-Receiver chip is a highly sensitive,
simple to use AM receiver specially intended to
receive time signals in the frequency range from 40
kHz to 100 kHz. Only a few external components are
required for time signal receiving. The circuit has
preamplifier, wide range automatic gain control,
demodulator and output comparator built in. The
output signal can be processed directly by an
additional digital circuitry to extract the data from the
received signal. The control for AGC (automatic gain
control) can be used to switch AGC on or off if
necessary. MAS9081 supports dual band operation
by switching between two crystal filters and an
additional antenna tuning capacitor.
MAS9081 has differential input and different internal
compensation capacitor options for compensating
shunt capacitances of different crystals (See ordering
information on page 12).
FEATURES
APPLICATIONS
•
Dual Band Receiver IC
•
Highly Sensitive AM Receiver, 0.4 µVRMS typ.
•
Wide Supply Voltage Range from 1.1 V to 5 V
•
Very Low Power Consumption
•
Power Down Control
•
Fast Startup
•
Only a Few External Components Necessary
•
Control for AGC On
•
Wide Frequency Range from 40 kHz to 100 kHz
•
High Selectivity by Quartz Crystal Filter
•
Dual Band Time Signal Receiver WWVB (USA),
JJY (Japan), DCF77 (Germany), MSF (UK), HGB
(Switzerland) and BPC (China)
BLOCK DIAGRAM
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIM
VDD
VSS PDN1
AGC
DEC
OUT
QI
AON
QO1
QO2
PDN2
RFIP
RFI2


Similar Part No. - MAS9081

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9011 MAS-MAS9011 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1BD08 MAS-MAS9011A1BD08 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1GB06 MAS-MAS9011A1GB06 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9011A1TC05 MAS-MAS9011A1TC05 Datasheet
147Kb / 9P
Solar Cell System Manager
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
More results

Similar Description - MAS9081

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
Dual-Tone Receiver IC
logo
Texas Instruments
TRF1500 TI-TRF1500 Datasheet
233Kb / 17P
DUAL-BAND/DUAL-MODE PCS RECEIVER
logo
List of Unclassifed Man...
RX3930 ETC-RX3930 Datasheet
126Kb / 8P
Low Power ISM-band FM/FSK Receiver IC
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
Single and dual band receiver IC
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
Dual-Tone Receiver IC
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
High sensitivity alternating behavior Hall IC
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
ISM Band FSK Receiver IC
REV. 0
logo
United Monolithic Semic...
CHM1270A98F UMS-CHM1270A98F_15 Datasheet
307Kb / 8P
W-Band Dual Channel Transmitter/Receiver
logo
Integrated Device Techn...
F6101 IDT-F6101 Datasheet
165Kb / 2P
Ku-Band SATCOM Receiver IC
F6102 IDT-F6102 Datasheet
166Kb / 2P
Ka-Band SATCOM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com