Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20100CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRB20100CT
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB20100CT Datasheet(HTML) 2 Page - ON Semiconductor

  MBRB20100CT Datasheet HTML 1Page - ON Semiconductor MBRB20100CT Datasheet HTML 2Page - ON Semiconductor MBRB20100CT Datasheet HTML 3Page - ON Semiconductor MBRB20100CT Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRB20100CT
http://onsemi.com
2
THERMAL CHARACTERISTICS (Per Leg)
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case
Junction−to−Ambient (Note 2)
RqJC
RqJA
2.0
50
°C/W
ELECTRICAL CHARACTERISTICS (Per Leg)
Maximum Instantaneous Forward Voltage (Note 3)
(iF = 10 Amp, TC = 125°C)
(iF = 10 Amp, TC = 25°C)
(iF = 20 Amp, TC = 125°C)
(iF = 20 Amp, TC = 25°C)
vF
0.75
0.85
0.85
0.95
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
iR
6.0
0.1
mA
2. When mounted using minimum recommended pad size on FR−4 board.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
ORDERING INFORMATION
Device
Package
Shipping†
MBRB20100CT
D2PAK
50 Units / Rail
MBRB20100CTG
D2PAK
(Pb−Free)
50 Units / Rail
MBRB20100CTT4
D2PAK
800 Units / Tape & Reel
MBRB20100CTT4G
D2PAK
(Pb−Free)
800 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Typical Current Derating, Case, Per Leg
0.01
0.1
1
10
120
100
80
60
40
20
0
VR, REVERSE VOLTAGE (VOLTS)
TJ = 150°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
0.5
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1
3
5
10
20
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
TJ = 25°C
100°C
150°C
125°C
0
AVERAGE CURRENT (AMPS)
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
12
14
16
18
20
TJ = 125°C
DC
IPK/IAV = 10
IPK/IAV = 20
PI
IPK/IAV = 5
32
80
TC, CASE TEMPERATURE (°C)
28
24
20
16
12
8
4
0
90
100
110
120
130
DC
RATED VOLTAGE
APPLIED
SQUARE
WAVE
RqJC = 2°C/W
140
150
160
SQUARE
WAVE
Figure 4. Average Power Dissipation & Average Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com