Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7044A Datasheet(PDF) 4 Page - SYC Electronica

Part # HT7044A
Description  TinyPowerTM Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT7044A Datasheet(HTML) 4 Page - SYC Electronica

  HT7044A Datasheet HTML 1Page - SYC Electronica HT7044A Datasheet HTML 2Page - SYC Electronica HT7044A Datasheet HTML 3Page - SYC Electronica HT7044A Datasheet HTML 4Page - SYC Electronica HT7044A Datasheet HTML 5Page - SYC Electronica HT7044A Datasheet HTML 6Page - SYC Electronica HT7044A Datasheet HTML 7Page - SYC Electronica HT7044A Datasheet HTML 8Page - SYC Electronica HT7044A Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HT7027A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
2.619
2.700
2.781
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
1.5
¾
24
V
IOL
Output Sink Current
2V
VOUT=0.2V
0.5
1
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT7033A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
3.201
3.300
3.399
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
1.5
¾
24
V
IOL
Output Sink Current
2.5V
VOUT=0.25V
1.2
2.5
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT7039A-1
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Detection Voltage
¾¾
3.783
3.900
4.017
V
VHYS
Hysteresis Width
¾¾
0.02
VDET
0.05
VDET
0.1
VDET
V
IDD
Operating Current
8V
No load
¾
47
mA
VDD
Operating Voltage
¾¾
1.5
¾
24
V
IOL
Output Sink Current
2.5V
VOUT=0.25V
1.2
2.5
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT70XXA-1
Rev. 1.40
4
January 26, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com