Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD2399 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CD2399
Description  Reverb processor chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CD2399 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CD2399 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 8Page - List of Unclassifed Manufacturers CD2399 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
无锡中微爱芯电子有限公司
Wuxi I-CORE Electronics Co., Ltd.
表
733-11-I
编号:
CD2399-AX-BJ-31
1、概 述
CD2399 是一块混响处理器芯片,该芯片采用 CMOS 工艺,具备数模、模数转换功能和很高的
取样频率,同时还内置了一个
44K 的存储器。数字处理部分产生延迟时间。系统时钟采用内置压控振
荡器产生,是数字处理电路的一大特点,它使得频率很容易调整。
CD2399 的优势在于它具有很低的
失真系数
(THD< 0.5%)和噪声(NO<-90dBV),因此能够输出高品质的音频信号。为了追求更简单的 PCB
版图布局和更低成本,
CD2399 的引脚排列和应用电路都进行了优化。
CD2399 主要应用于录象机、VCD 机、电视、CD 机、卡拉 OK 混频器、电子音乐器具、具有
回音处理器的音频设备等系统。其主要特点如下:
采用
CMOS 工艺
外围电路简洁
具有自动复位功能
低噪声,典型情况下,
NO<-90dBV
低失真,
THD< 0.5%
压控振荡器外部可调
封装形式:
DIP16/SOP16
2、功能框图及引脚说明
2.1、功能框图
江苏省无锡市蠡园经济开发区滴翠路
100 号 9 栋 2 层
第
2 页 共 9 页
http://www.i-core. cn
邮编:
214072
版本:
2012-01-B1
44K Bits
D1
DO0
DO1
MO
MI
CLOCK
RAM
AUTO RESET
-
+
COMP
-
+
4.7K
4.7K
MOD
DEM
VCO
1/2 VCC
-
+
LPF1
LPF2
1
23
4
5
6
VCC
REF
AGND
DGND
CLK-O
VCO
7
CC1
8
9
10
11
12
13
14
15
16
CC0
OP1-OUT
OP1-IN
OP2-IN
OP2-OUT
LPF2-IN
LPF2-OUT
LPF1-OUT
LPF1-IN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com