Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR750FXX Datasheet(PDF) 16 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 12Page - STMicroelectronics STR750FXX Datasheet HTML 13Page - STMicroelectronics STR750FXX Datasheet HTML 14Page - STMicroelectronics STR750FXX Datasheet HTML 15Page - STMicroelectronics STR750FXX Datasheet HTML 16Page - STMicroelectronics STR750FXX Datasheet HTML 17Page - STMicroelectronics STR750FXX Datasheet HTML 18Page - STMicroelectronics STR750FXX Datasheet HTML 19Page - STMicroelectronics STR750FXX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 81 page
background image
Pin Description
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
16/81
Port Reset State
The reset state of the I/O ports is GPIO input floating. Exceptions are P1[19:16] and P0.13
which are configured as JTAG alternate functions:
●
The JTAG inputs (JTDI, JTMS and JTDI) are configured as input floating and are ready
to accept JTAG sequences.
●
The JTAG output JTDO is configured as floating when idle (no JTAG operation) and is
configured in output push-pull only when serial JTAG data must be output.
●
The JTAG output RTCK is always configured as output push-pull. It outputs '0' level
during the reset phase and then outputs the JTCK input signal resynchronized 3 times
by the internal AHB clock.
●
The GPIO_PCx registers do not control JTAG AF selection, so the reset values of
GPIO_PCx for P1[19:16] and P0. 13 are the same as other ports. Refer to the GPIO
section of the STR750 Reference Manual for the register description and reset values.
●
P0.11 and P0.00 are sampled by the boot logic after reset, prior to fetching the first
word of user code at address 0000 0000h.
●
When booting from SMI (and only in this case), the reset state of the following GPIOs is
"SMI alternate function output enabled":
–
P0.07 (SMI_DOUT)
–
P0.05 (SMI_CLK)
–
P0.04 (SMI_CS0)
–
P0.06 (SMI_DIN)
Note that the other SMI pins: SMI_CS1,2,3 (P0.12, P0.11, P0.10) are not affected.
To avoid excess power consumption, unused I/O ports must be tied to ground.
Table 6.
STR750F pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(3)
PP
1B1
1
B1
P1.12 /
ADC_IN13
I/O
TT
X
XEIT12
O8
X
X
Port 1.12
ADC: Analog
input 13
2B2
2
C2
P0.02 /
TIM2_OC1 /
ADC_IN0
I/O
TT
X
XEIT0
O8
X
X
Port 0.02
TIM2: Output
Compare 1(4)
ADC: Analog
input 0
3B3
3
C1
P0.01 / TIM0_TI1
/ MCO
I/O
TT
X
XO8
X
X
Port 0.01
TIM0: Input
Capture / trigger
/ external clock 1
Main Clock
Output
4C2
4
C3
P0.00 /
TIM0_OC1 /
BOOT0
I/O
TT
X
XO8
X
X
Port 0.00 /
Boot mode
selection
input 0
TIM0: Output Compare 1
5
C1
P0.31 / TIM1_TI2
I/O
TT
X
XO2
X
X
Port 0.31
TIM1: Input Capture / trigger /
external clock 2
6D2
P0.30 /
TIM1_OC2
I/O
TT
X
XO2
X
X
Port 0.30
TIM1: Output Compare 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com