Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR751FR0 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STR751FR0
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR751FR0 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STR751FR0 Datasheet HTML 73Page - STMicroelectronics STR751FR0 Datasheet HTML 74Page - STMicroelectronics STR751FR0 Datasheet HTML 75Page - STMicroelectronics STR751FR0 Datasheet HTML 76Page - STMicroelectronics STR751FR0 Datasheet HTML 77Page - STMicroelectronics STR751FR0 Datasheet HTML 78Page - STMicroelectronics STR751FR0 Datasheet HTML 79Page - STMicroelectronics STR751FR0 Datasheet HTML 80Page - STMicroelectronics STR751FR0 Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Order codes
79/81
7
Order codes
Table 49.
Order codes
Partnumber
Flash Prog.
Memory
(Bank 0)
Kbytes
Package
CAN
Periph
USB
Periph
Temp. Range
STR750FV0T6
64
LQFP100 14x14
Yes
Yes
-40 to +85°C
STR750FV1T6
128
STR750FV2T6
256
STR750FV2H6(1)
1.
For other memory sizes, contact sales office.
256
LFBGA100 10x10
STR751FR0T6
64
LQFP64 10x10
-
Yes
-40 to +85°C
STR751FR1T6
128
STR751FR2T6
256
STR751FR2H6(1)
256
LFBGA64 8x8
STR752FR0T6
64
LQFP64 10x10
Yes
-
-40 to +85°C
STR752FR1T6
128
STR752FR2T6
256
STR752FR2H6(1)
256
LFBGA64 8x8
STR752FR0T7
64
LQFP64 10x10
Yes
-
-40 to +105°C
STR752FR1T7
128
STR752FR2T7
256
STR752FR2H7(1)
256
LFBGA64 8x8
STR755FR0T6
64
LQFP64 10x10
-
-
-40 to +85°C
STR755FR1T6
128
STR755FR2T6
256
STR755FR2H6(1)
256
LFBGA64 8x8
STR755FV0T6
64
LQFP100 14x14
STR755FV1T6
128
STR755FV2T6
256
STR755FV2H6(1)
256
LFBGA100 10x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com