Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3237ECAI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3237ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3237ECAI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3237ECAI Datasheet HTML 9Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 16Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
______________________________________________________________________________________
13
Figure 7. Loopback Test Circuit
2
µs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V
C1–C4 = 0.1
µF
Figure 8. MAX3241E Loopback Test Result at 120kbps
2
µs/div
T1IN
T1OUT
R1OUT
5V/div
5V/div
5V/div
VCC = 3.3V, C1–C4 = 0.1
µF
Figure 9. MAX3241E Loopback Test Result at 250kbps
+5V
0
+5V
0
-5V
+5V
0
T_IN
T_OUT
5k
Ω + 250pF
R_OUT
400ns/div
VCC = 3.3V
C1–C4 = 0.1
µF
Figure 10. MAX3237E Loopback Test Result at 1000kbps
(MBAUD = VCC)
MAX3222E
MAX3232E
MAX3237E
MAX3241E
MAX3246E
5k
Ω
R_ IN
R_ OUT
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
T_ OUT
T_ IN
GND
1000pF
Transmitter Outputs Recovering
from Shutdown
Figure 3 shows two transmitter outputs recovering from
shutdown mode. As they become active, the two trans-
mitter outputs are shown going to opposite RS-232 levels
(one transmitter input is high; the other is low). Each
transmitter is loaded with 3k
Ω in parallel with 2500pF.
The transmitter outputs display no ringing or undesir-
able transients as they come out of shutdown. Note that
the transmitters are enabled only when the magnitude
of V- exceeds approximately -3.0V.
Mouse Drivability
The MAX3241E is designed to power serial mice while
operating from low-voltage power supplies. It has
been tested with leading mouse brands from manu-
facturers such as Microsoft and Logitech. The
MAX3241E successfully drove all serial mice tested
and met their current and voltage requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com