Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3241ECAI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3241ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241ECAI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3241ECAI Datasheet HTML 10Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 11Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 12Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 16Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 17Page - Maxim Integrated Products MAX3241ECAI Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Figure 6a shows the transmitter output voltages under
increasing load current at +3.0V. Figure 6b shows a
typical mouse connection using the MAX3241E.
High Data Rates
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E maintain the RS-232 ±5V minimum transmit-
ter output voltage even at high data rates. Figure 7
shows a transmitter loopback test circuit. Figure 8
shows a loopback test result at 120kbps, and Figure 9
shows the same test at 250kbps. For Figure 8, all trans-
mitters were driven simultaneously at 120kbps into RS-
232 loads in parallel with 1000pF. For Figure 9, a single
transmitter was driven at 250kbps, and all transmitters
were loaded with an RS-232 receiver in parallel with
1000pF.
The MAX3237E maintains the RS-232 ±5.0V minimum
transmitter output voltage at data rates up to 1Mbps.
Figure 10 shows a loopback test result at 1Mbps with
MBAUD = VCC. For Figure 10, all transmitters were
loaded with an RS-232 receiver in parallel with 250pF.
Interconnection with 3V and 5V Logic
The MAX3222E/MAX3232E/MAX3237E/MAX3241E/
MAX3246E can directly interface with various 5V logic
families, including ACT and HCT CMOS. See Table 3
for more information on possible combinations of inter-
connections.
UCSP Reliability
The UCSP represents a unique packaging form factor
that may not perform equally to a packaged product
through traditional mechanical reliability tests. UCSP
reliability is integrally linked to the user’s assembly
methods, circuit board material, and usage environ-
ment. The user should closely review these areas when
considering use of a UCSP package. Performance
through Operating Life Test and Moisture Resistance
remains uncompromised as the wafer-fabrication
process primarily determines it.
Mechanical stress performance is a greater considera-
tion for a UCSP package. UCSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be consid-
ered. Table 4 shows the testing done to characterize
the UCSP reliability performance. In conclusion, the
UCSP is capable of performing reliably through envi-
ronmental stresses as indicated by the results in the
table. Additional usage data and recommendations are
detailed in the UCSP application note, which can be
found on Maxim’s website at www.maxim-ic.com.
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
14
______________________________________________________________________________________
Table 4. Reliability Test Data
TEST
CONDITIONS
DURATION
FAILURES PER
SAMPLE SIZE
Temperature Cycle
TA = -35°C to +85°C,
TA = -40°C to +100°C
150 cycles,
900 cycles
0/10,
0/200
Operating Life
TA = +70°C
240 hours
0/10
Moisture Resistance
TA = +20°C to +60°C, 90% RH
240 hours
0/10
Low-Temperature Storage
TA = -20°C
240 hours
0/10
Low-Temperature Operational
TA = -10°C
24 hours
0/10
Solderability
8-hour steam age
—
0/15
ESD
±15kV, Human Body Model
—
0/5
High-Temperature Operating
Life
TJ = +150°C
168 hours
0/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com