Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9188 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9188
Description  12 횞 8-Bit D to A Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9188 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9188 Datasheet HTML 1Page - Micro Analog systems MAS9188 Datasheet HTML 2Page - Micro Analog systems MAS9188 Datasheet HTML 3Page - Micro Analog systems MAS9188 Datasheet HTML 4Page - Micro Analog systems MAS9188 Datasheet HTML 5Page - Micro Analog systems MAS9188 Datasheet HTML 6Page - Micro Analog systems MAS9188 Datasheet HTML 7Page - Micro Analog systems MAS9188 Datasheet HTML 8Page - Micro Analog systems MAS9188 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DA9188.002
23 February 2005
2 (10)
PIN CONFIGURATION
VREFH 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
O1
O2
O3
O4
O5
O6
XSHDN
XCS
GND
VDD
XRESET
O12
O11
O10
O9
O8
O7
SDI
CLK
Top view
YYWW = year, week
VREFH 1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
O1
O2
O3
O4
O5
O6
XSHDN
XCS
GND
O12
O11
O10
O9
O8
O7
SDI
CLK
VDD
VREFL
PIN DESCRIPTION
Pin Number
MAS9188 A1
MAS9188 A2
Function
1
VREFH
VREFH
DAC output reference high voltage
2
O1
O1
DAC 1, address 0x0
3
O2
O2
DAC 2, address 0x1
4
O3
O3
DAC 3, address 0x2
5
O4
O4
DAC 4, address 0x3
6
O5
O5
DAC 5, address 0x4
7
O6
O6
DAC 6, address 0x5
8
XSHDN
XSHDN
Device analog part power-down signal (active low)
9
XCS
XCS
Device enable signal (rising edge loads data to DAC)
10
GND
GND
Device ground-pin
11
CLK
VREFL
Data clock / DAC output low reference voltage
12
SDI
CLK
Serial input data / Data clock
13
O7
SDI
DAC 7, address 0x6 / Serial input data
14
O8
O7
DAC 8, address 0x7 / DAC 7, address 0x6
15
O9
O8
DAC 9, address 0x8 / DAC 8, address 0x7
16
O10
O9
DAC 10, address 0x9 / DAC 9, address 0x8
17
O11
O10
DAC 11, address 0xA / DAC 10, address 0x9
18
O12
O11
DAC 12, address 0xB / DAC 11, address 0xA
19
XRESET
O12
Device Digital part reset – middle code preset pin / DAC
12, address 0xB
20
VDD
VDD
Device power supply pin
MAS9188 has two bonding options available:
MAS9188A1, where VREFL pin is bonded to GND pin and XRESET pin can be used
MAS9188A2, where XRESET pin is bonded to VDD pin and VREFL pin can be used



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com