Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR755FV1T6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STR755FV1T6
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR755FV1T6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STR755FV1T6 Datasheet HTML 61Page - STMicroelectronics STR755FV1T6 Datasheet HTML 62Page - STMicroelectronics STR755FV1T6 Datasheet HTML 63Page - STMicroelectronics STR755FV1T6 Datasheet HTML 64Page - STMicroelectronics STR755FV1T6 Datasheet HTML 65Page - STMicroelectronics STR755FV1T6 Datasheet HTML 66Page - STMicroelectronics STR755FV1T6 Datasheet HTML 67Page - STMicroelectronics STR755FV1T6 Datasheet HTML 68Page - STMicroelectronics STR755FV1T6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Electrical parameters
65/81
SSP Synchronous Serial Peripheral in Slave mode (SPI or TI mode)
Subject to general operating conditions with CL
≈ 45 pF
Figure 33.
SPI Configuration, Slave Mode with CPHA=0, Single Transfer
Table 39.
SSP Slave mode characteristics(1)
1.
Data based on characterisation results, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
SPI clock frequency
SSP0
2.66 MHz
(fPLCK/12)
MHz
SSP1
tsu(NSS)
NSS input setup time w.r.t
SCK first edge
SSP0
0
ns
SSP1
0
th(NSS)
NSS input hold time w.r.t
SCK last edge
SSP0
tPCLK+15ns
SSP1
tPCLK+15ns
tNSSLQV
NSS low to Data Output
MISO valid time
SSP0
2tPCLK
3tPCLK+30 ns
SSP1
2tPCLK
3tPCLK+30 ns
tNSSLQZ
NSS low to Data Output
MISO invalid time
SSP0
2tPCLK
3tPCLK+15 ns
SSP1
2tPCLK
3tPCLK+15 ns
tSCKQV
SCK trigger edge to data
output MISO valid time
SSP0
15
SSP1
30
tSCKQX
SCK trigger edge to data
output MISO invalid time
SSP0
2tPCLK
SSP1
2tPCLK
tsu(MOSI)
MOSI setup time w.r.t SCK
sampling edge
SSP0
0
SSP1
0
th(MOSI)
MOSI hold time w.r.t SCK
sampling edge
SSP0
3tPCLK+15 ns
SSP1
3tPCLK+15 ns
NSS INPUT
CPHA=0
MOSI INPUT
MISO OUTPUT
CPHA=0
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
tSCKQV(MISO)
tsu(SI)
th(SI)
MSB OUT
MSB IN
BIT OUT
LSB IN
LSB OUT
CPOL=0
CPOL=1
tsu(NSS)
th(NSS)
tSCKQX(MISO)
BIT1 IN
sample
edge
trigger
edge
trigger
edge
tNSSHQZ
z
tNSSLQV
sample
edge
z
DONT CARE
DONT CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com