Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROM1490X Datasheet(PDF) 8 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 8 Page - Rakon Limited

Back Button ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited ROM1490X Datasheet HTML 10Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
8 of 10
Contact Us
13.0
3D Model
Parameter
Remarks
Package size
14.2 x 9.2 x 6.5 mm
STEP file
ROM1490X 3D model
To open or view the STP file, you will need to import it into one of the following software programs:
Autodesk Fusion 360, CATIA, SolidWorks, Solid Edge, TurboCAD, Kubotek KeyCreator, FreeCAD, ABViewer, ShareCAD,
or eMachineShop.
14.0
Optional Bias Network to convert Regulated 2.5V CMOS to Standard CMOS Levels
Parameter
Vcc = 3.135V
Vcc = 3.3V
Vcc = 3.465V
Bias network
Without
With
Without
With
Without
With
VOH
≥ 2.3V
≥ 2.76V
≥ 2.3V
≥ 2.85V
≥ 2.3V
≥ 2.93V
VOH [%Vcc]
≥ 73%
≥ 88%
≥ 70%
≥ 86%
≥ 66%
≥ 73%
VOL
≤ 0.2V
≤ 0.36V
≤ 0.2V
≤ 0.45V
≤ 0.2V
≤ 0.53V
VOL [%Vcc]
≤ 6.4%
≤ 12%
≤ 6.1%
≤ 14%
≤ 5.8%
≤ 15%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com