Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2 Datasheet(PDF) 1 Page - France Joint

Part # SA2
Description  STANDARD SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SA2 Datasheet(HTML) 1 Page - France Joint

  SA2 Datasheet HTML 1Page - France Joint SA2 Datasheet HTML 2Page - France Joint SA2 Datasheet HTML 3Page - France Joint SA2 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
ROTARY SEALS | STANDARD SHAFT SEALS |
SA2
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
Pumping leads
Clockwise
Anti-clockwise
Bi-directional
R
L
H0
Other types of pumping leads can be created according to your specifications. Please
contact our experts.
|
DESCRIPTION
The SA2 profile is a shaft seal composed
of a single external metal cage with
metal reinforcement and a primary
sealing lip with integrated spring.
|
ADVANTAGES
Excellent radial rigidity, particularly
for large diameters
Very good stability when assembled,
preventing the bounce-back effect
Sealing for low and high viscosity fluids
Modern primary sealing lip
with low radial forces
|
APPLICATIONS
Shaft sealing
Engines
Pumps
Transmissions
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
Spring
Steel - AISI 1070 - 1090
Stainless steel - AISI 316
STANDARD SHAFT SEALS
SA2


Similar Part No. - SA2

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SA2 RFSOLUTIONS-SA2 Datasheet
676Kb / 2P
Stereo headphones amplifier
logo
Rectron Semiconductor
SA2 RECTRON-SA2 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA2 RECTRON-SA2 Datasheet
136Kb / 6P
SURFACE MOUNT SILICON RECTIFIER
logo
Bourns Electronic Solut...
SA2-2400-CBB-STD BOURNS-SA2-2400-CBB-STD Datasheet
326Kb / 4P
SA2 Series High Voltage Gas Discharge Tube
SA2-2400-CBB-STD BOURNS-SA2-2400-CBB-STD Datasheet
328Kb / 4P
High Voltage Gas Discharge Tube
More results

Similar Description - SA2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
logo
SparkFun Electronics
ROB-12203 SPARKFUN-ROB-12203 Datasheet
95Kb / 1P
ServoBlock Kit - Hitec Standard (Plain Shaft)
2/10/2016
ROB-12347 SPARKFUN-ROB-12347 Datasheet
96Kb / 1P
ServoBlock Kit - Hitec Standard (Hub Shaft)
2/10/2016
ROB-12501 SPARKFUN-ROB-12501 Datasheet
94Kb / 1P
Servo Shaft Coupler - Hitec Standard
1/15/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com