Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASDL-3023 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-3023
Description  IrDA Data Compliant Low Power 4Mbit/s with Remote Control Infrared Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-3023 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASDL-3023 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ASDL-3023 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image

Appendix E: Window Design for ASDL-3023.
Y
Z
X
OPAQUE MATERIAL
IR TRANSPARENT WINDOW
OPAQUE WINDOW
Z
T
IR TRANSPARENT
WINDOW
To ensure IrDA compliance, some constraints on the
height and width of the window exist. The minimum
dimensions ensure that the IrDA cones angles are met
without vignetting. The maximum dimensions minimize
the effects of stray light. The minimum size corresponds
to a cone angle of 300 and the maximum size corre-
sponds to a cone angle of 600.
In the figure above, X is the width of the window, Y is the
height of window, Z is the distance from the ASDL-3023
to the back of the window and T is the thickness of the IR
transparent window.
W = 0.3456*T, W2 = 0.6967*T, where T is the window
thickness
For the modules depth values that are not shown on the
tables above, the minimum X and Y values can be inter-
polated.
Depth(Z) Y(Min)
X(Min)
Y(Max)
X(Max)
0
.70+W
7.0+W
.66+W
9.6+W

.+W
7.7+W
4.8+W
0.+W

.77+W
8.7+W
5.97+W
.47+W

.+W
8.8+W
7.+W
.6+W
4
.84+W
9.4+W
8.8+W
.78+W
5
4.8+W
9.88+W
9.4+W
4.9+W
6
4.9+W
0.4+W
0.59+W
6.09+W
7
5.45+W
0.95+W
.74+W
7.4+W
8
5.99+W
.49+W
.90+W
8.40+W
9
6.5+W
.0+W
4.05+W
9.55+W
0
7.06+W
.56+W
5.+W
0.7+W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com