Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS69 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAS69
Description  Low capacitance small signal Schottky diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS69 Datasheet(HTML) 3 Page - STMicroelectronics

  BAS69 Datasheet HTML 1Page - STMicroelectronics BAS69 Datasheet HTML 2Page - STMicroelectronics BAS69 Datasheet HTML 3Page - STMicroelectronics BAS69 Datasheet HTML 4Page - STMicroelectronics BAS69 Datasheet HTML 5Page - STMicroelectronics BAS69 Datasheet HTML 6Page - STMicroelectronics BAS69 Datasheet HTML 7Page - STMicroelectronics BAS69 Datasheet HTML 8Page - STMicroelectronics BAS69 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAS69 Series
Characteristics
3/9
Figure 1.
Forward voltage drop versus
forward current (typical values)
Figure 2.
Reverse leakage current versus
reverse voltage applied (typical
values)
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
(V)
FM
Tj=125°C
Tj=125°C
Tj=85°C
Tj=85°C
Tj=25°C
Tj=25°C
Tj=-40°C
Tj=-40°C
I
(mA)
FM
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0.0
2.5
5.0
7.5
10.0
12.5
15.0
V (V)
R
Tj=125°C
Tj=85°C
Tj=25°C
I (µA)
R
Figure 3.
Differential forward resistance
versus forward current (typical
values)
Figure 4.
Junction capacitance versus
reverse voltage applied (typical
values)
1
10
100
1.0
10.0
100.0
I (mA)
F
F=10kHz
Tj=25°C
R( )
F
Ω
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
V (V)
R
F=1MHz
Vosc=30mV
RMS
Tj=25°C
C(pF)
Figure 5.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOT-323)
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SOT-666)
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SOT-323
Epoxy FR4
S
CU=2.25 mm²
e
CU=35 µm
(s)
tP
Z
th(j-a)/Rth(j-a)
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
SOT-666
Epoxy FR4
e
CU=35 µm
(s)
tP
Z
th(j-a)/Rth(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com