Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68ICS08MR Datasheet(PDF) 13 Page - Motorola, Inc

Part # M68ICS08MR
Description  In-Circuit Simulator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08MR Datasheet(HTML) 13 Page - Motorola, Inc

Back Button M68ICS08MR Datasheet HTML 9Page - Motorola, Inc M68ICS08MR Datasheet HTML 10Page - Motorola, Inc M68ICS08MR Datasheet HTML 11Page - Motorola, Inc M68ICS08MR Datasheet HTML 12Page - Motorola, Inc M68ICS08MR Datasheet HTML 13Page - Motorola, Inc M68ICS08MR Datasheet HTML 14Page - Motorola, Inc M68ICS08MR Datasheet HTML 15Page - Motorola, Inc M68ICS08MR Datasheet HTML 16Page - Motorola, Inc M68ICS08MR Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
General Information
MRICS Components
M68ICS08MR In-Circuit Simulator
User’s Manual
MOTOROLA
General Information
13
1.2.1 M68ICS08MR Connector Components
Table 1-2. Hardware Components
Components
Description
XU1
XU2
XU4
XU3
Target sockets for the Motorola MC68HC908MR16/32 MCUs:
56-pin SDIP (dual-in-line package)
64-pin QFP (quad flat pack)
Target sockets for the Motorola MC68HC(9)08MR4/8 MCUs:
28-pin DIP (dual-in-line package)
32-pin QFP (quad flat pack)
J2, J3
Two 2-row
× 20-pin, 0.1-inch spacing connectors connect the
MRICS to a target system using the M68CLB05C flex cable.
Connectors J2 and J3 are used when emulating
MC68HC908MR16/32 MCUs.
J4
+5 Vdc input voltage (VDD)
J5, J6
Two 2-row
× 20-pin, 0.1-inch spacing connectors connect the
MRICS to a target system using the M68CLB05C flex cable.
Connectors J5 and J6 are used when emulating
MC68HC(9)08MR4/8 MCUs.
J1
One 60-pin, 0.3-inch spacing connector connect the MRICS to
the target system using a ribbon cable. Connector J1 is used
when emulating a MC68HC908MR16/32 MCU.
J7, J8
Two 2-row
× 8-pin, 0.1-inch spacing connectors connect
MON08 debug circuit to your remote target. Use connector J7
when emulating MC68HC908MR32/16 MCUs. Use connector
J8 when emulating MC68HC(9)08MR4/8 MCUs.
J9, J10
Two 3-pin, 0.1-inch spacing connectors connect the MRICS
clock circuit to your remote target. Connector J9 routes the
4.9152 MHz clock for the MC68HC908MR16/32 MCUs.
Connector J10 routes the 4.000 MHz clock for the
MC68HC(9)08MR4/8 MCUs.
J11
One 2-row
× 14-pin, 0.3-inch spacing dual in-line package
(28-pin DIP) socket connects the MRICS to the target system,
using a ribbon cable, when emulating an MC68HC(9)08MR4/8
MCU.
J12
RS-232 connector interface to the host serial connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com