Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5233 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC5233 Datasheet HTML 5Page - Microchip Technology MIC5233 Datasheet HTML 6Page - Microchip Technology MIC5233 Datasheet HTML 7Page - Microchip Technology MIC5233 Datasheet HTML 8Page - Microchip Technology MIC5233 Datasheet HTML 9Page - Microchip Technology MIC5233 Datasheet HTML 10Page - Microchip Technology MIC5233 Datasheet HTML 11Page - Microchip Technology MIC5233 Datasheet HTML 12Page - Microchip Technology MIC5233 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006033E-page 9
MIC5233
4.0
APPLICATION INFORMATION
4.1
Enable/Shutdown
The MIC5233 comes with an active-high enable pin
that allows the regulator to be disabled. Forcing the
enable pin low disables the regulator and sends it into
a “Zero” Off mode current state, consuming a typical
0.1 µA. Forcing the enable pin high enables the output
voltage.
4.2
Input Capacitor
The MIC5233 has a high input voltage capability, up to
36V. The input capacitor must be rated to sustain volt-
ages that may be used on the input. An input capacitor
may be required when the device is not near the source
power supply or when supplied by a battery. Small
surface mount, ceramic capacitors can be used for
bypassing. A larger value may be required if the source
supply has high ripple.
4.3
Output Capacitor
The MIC5233 requires an output capacitor for stability.
The design requires 2.2 µF or greater on the output to
maintain stability. The design is optimized for use with
low-ESR ceramic chip capacitors. High-ESR capacitors
may cause high-frequency oscillation. The maximum
recommended ESR is 3Ω. The output capacitor can be
increased without limit. Larger valued capacitors help to
improve transient response.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance.
X7R-type capacitors change capacitance by 15% over
their operating temperature range and are the most
stable type of ceramic capacitors. Z5U and Y5V dielectric
capacitors change value by as much as 50% and 60%,
respectively, over their operating temperature ranges. To
use a ceramic chip capacitor with Y5V dielectric, the
value must be much higher than an X7R ceramic capac-
itor to ensure the same minimum capacitance over the
equivalent operating temperature range.
4.4
No-Load Stability
The MIC5233 will remain stable and in regulation with
no load unlike many other voltage regulators. This is
especially important in CMOS RAM keep-alive
applications.
4.5
Thermal Consideration
The MIC5233 is designed to provide 100 mA of contin-
uous current in a very small package. Maximum power
dissipation can be calculated based on the output
current and the voltage drop across the part.
To determine the maximum power dissipation of the
package,
use
the
junction-to-ambient
thermal
resistance of the device and Equation 4-1:
EQUATION 4-1:
Table 4-1 shows examples of the junction-to-ambient
thermal resistance for the MIC5233:
TABLE 4-1:
5-LEAD SOT23 AND SOT-223
THERMAL RESISTANCE
The actual power dissipation of the regulator circuit can
be determined using Equation 4-2:
EQUATION 4-2:
Substituting PD(MAX) for PD and solving for the operating
conditions that are critical to the application will give the
maximum operating conditions for the regulator circuit.
For example, when operating the MIC5233-3.0YM5 at
+50°C, with a minimum footprint layout, the maximum
input voltage for a set output current can be determined
as follows:
EQUATION 4-3:
The junction-to-ambient (θJA) thermal resistance for
the minimum footprint is +235°C/W from Table 4-1. It is
important that the maximum power dissipation not be
exceeded to ensure proper operation. Because the
MIC5233 was designed to operate with high input
voltages, careful consideration must be given so as not
to overheat the device. With very high input-to-output
voltage differentials, the output current is limited by the
total power dissipation.
Package
θJA Recommended
Minimum Footprint
SOT23-5
235°C/W
SOT223
50°C/W
PDMAX

TJMAX

TA
–
JA
--------------------------------


=
Where:
TJ(MAX) = Maximum junction temperature of
the die at +125°C
TA
= The ambient operating temperature
θJA
= Layout dependent
PD
VIN VOUT
–
I
OUT
VIN
+
IGND
=
PDMAX

125
C 50C
–
235
C/W
-----------------------------------


=
Where:
PD(max) = 319 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com