Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDGN-01 Datasheet(PDF) 1 Page - AG Electronica

Part # LEDGN-01
Description  MODULO LED VERDE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LEDGN-01 Datasheet(HTML) 1 Page - AG Electronica

  LEDGN-01 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LEDGN-01 : MODULO LED VERDE
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. DJRS
Fecha: 06/04/2018
Rev 2. ACBM
Descripción: El módulo LED permite una fácil configuración plug
and play para las líneas de E / S de Arduino. El LED se puede
controlar a través de una señal PWM o una salida digital alta /
baja. 100% compatible con Arduino.
Especificaciones:
•
Tensión de Alimentación: 5 VDC (regulado)
•
Salida digital con Modulación de ancho de pulso (PWM)
•
Corriente de Funcionamiento: 25 mA


Similar Part No. - LEDGN-01

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDGA62X62M BANNER-LEDGA62X62M Datasheet
403Kb / 2P
A62X62M Series Area Lights
LEDGA62X62W BANNER-LEDGA62X62W Datasheet
407Kb / 2P
A62X62W Series Area Lights
LEDGA70AD5-XQ BANNER-LEDGA70AD5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDGA70AG5-XQ BANNER-LEDGA70AG5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDGA70AP5-XQ BANNER-LEDGA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
More results

Similar Description - LEDGN-01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS168 MOTOROLA-SN54LS168 Datasheet
272Kb / 8P
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
ON Semiconductor
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
Hitachi Semiconductor
HD74AC393 HITACHI-HD74AC393 Datasheet
54Kb / 10P
Dual Modulo-16-Counter
logo
Motorola, Inc
MC4316 MOTOROLA-MC4316 Datasheet
1Mb / 21P
PROGRAMMABLE MODULO- N COUNTERS
logo
National Semiconductor ...
DM7497 NSC-DM7497 Datasheet
149Kb / 8P
Synchronous Modulo-64 Bit Rate Multiplier
logo
List of Unclassifed Man...
GMMAM08 ETC2-GMMAM08 Datasheet
1Mb / 68P
Mini Modulo AT mega 8L
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
List of Unclassifed Man...
PX48-175 ETC2-PX48-175 Datasheet
375Kb / 2P
MODULO FOTOVOLTAICO PX48
logo
Maxim Integrated Produc...
REFD5815 MAXIM-REFD5815 Datasheet
664Kb / 6P
Palo Verde (MAXREFDES33#): Step-Down Converter
Feb 27, 2014
logo
Renesas Technology Corp
HD74AC393 RENESAS-HD74AC393 Datasheet
222Kb / 9P
Dual Modulo-16-Counter
Jul.16.2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com