Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1981BLJST Datasheet(PDF) 12 Page - Analog Devices

Part # AD1981BLJST
Description  AC ??7 SoundMAX짰 Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1981BLJST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1981BLJST Datasheet HTML 8Page - Analog Devices AD1981BLJST Datasheet HTML 9Page - Analog Devices AD1981BLJST Datasheet HTML 10Page - Analog Devices AD1981BLJST Datasheet HTML 11Page - Analog Devices AD1981BLJST Datasheet HTML 12Page - Analog Devices AD1981BLJST Datasheet HTML 13Page - Analog Devices AD1981BLJST Datasheet HTML 14Page - Analog Devices AD1981BLJST Datasheet HTML 15Page - Analog Devices AD1981BLJST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
REV. 0
AD1981BL
–12–
Mono Volume Register (Index 06h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
06h
Mono Volume
MVM
X
X
X
X
X
X
X
X
X
X
MV4
MV3
MV2
MV1
MV0
8000h
All registers not shown and bits containing an X are assumed to be reserved.
Refer to Table II for examples. This register controls the mono output volume and mute bit. The volume register contains five bits,
generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility,
whenever the D5 bit is set to 1, their respective lower five volume bits are automatically set to 1 by the codec logic. On readback, all
lower five bits will read 1s whenever this bit is set to 1.
MV[4:0]
Mono Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of 46.5 dB.
MVM
Mono Volume Mute. When this bit is set to 1, the channel is muted.
Table II. Volume Settings for Mono
Control Bits D[4:0] for Mono (06h)
D15
WRITE
READBACK
Function
0
0000
0 0000
0 dB Gain
00 1111
0 1111
–22.5 dB Gain
01 1111
1 1111
–46.5 dB Gain
1x xxxx
x xxxx
– dB Gain, Muted
x in the above table is a wild card and has no effect on the value.
Phone Volume Register (Index 0Ch)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0Ch Phone Volume
PHM
X
X
X
X
X
X
X
X
X
X
PHV4
PHV3
PHV2
PHV1
PHV0
8008h
All registers not shown and bits containing an X are assumed to be reserved. Refer to Table III for examples.
PHV[4:0]
Phone Volume. Allows setting the phone volume attenuator in 32 volume levels with 31 steps of 1.5 dB each. The
LSB represents 1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, with the mute bit enabled.
PHM
Phone Mute. When this bit is set to 1, the phone channel is muted.
All registers not shown and bits containing an X are assumed to be reserved. Refer to Table III for examples.
MCV[4:0]
MIC Volume Gain. Allows setting the phone volume attenuator in 32 volume levels with 31 steps of 1.5 dB
each. The LSB represents 1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, with the mute
bit enabled.
M20
MIC Gain Boost. This bit allows setting additional MIC gain to increase the microphone sensitivity. The nominal
gain boost by default is 20 dB; however, Bits D0 and D1 (MBG[1:0]) on the miscellaneous control bits register
(76h) allow changing the gain boost to 10 dB or 30 dB if necessary.
0 = Disabled; Gain = 0 dB
1 = Enabled; Default Gain = 20 dB (see Register 76h, Bits D0, D1)
MCM
MIC Mute. When this bit is set to 1, the MIC channel is muted.
MIC Volume Register (Index 0Eh)
Reg
No. Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0Eh MIC Volume
MCM
X
X
X
X
X
X
X
X
M20
X
MCV4
MCV3
MCV2
MCV1 MCV0 8008h
All registers not shown and bits containing an X are assumed to be reserved. Refer to Table III for examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com