Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP609BRMZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP609BRMZ1
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609BRMZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP609BRMZ1 Datasheet HTML 4Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 5Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 6Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 7Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 8Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 9Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 10Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 11Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADCMP609
Rev. 0 | Page 11 of 12
TYPICAL APPLICATION CIRCUITS
HYS
ADCMP609
5V
150kΩ
150kΩ
CONTROL
VOLTAGE
0V TO 2.5V
OUTPUT
39kΩ
39kΩ
470pF
20kΩ
Figure 16. Voltage-Controlled Oscillator
ADCMP609
OUTPUT
+
–
5V
0.1µF
10kΩ
10kΩ
INPUT
VREF
0.02µF
HYS
Figure 17. Duty Cycle to Differential Voltage Converter
CMOS
PWM
OUTPUT
ADCMP608
2.5V
INPUT
1.25V
REF
INPUT
1.25V
±50mV
HYS
ADCMP609
220pF
10kΩ
10kΩ
100kΩ
10kΩ
Figure 18. Oscillator and Pulse Width Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com