Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-B581 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B581
Description  53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B581 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B581 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B581 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
30.48 (1.201)
38.00 (1.496)
PIN 1
∅5.0 (0.197)
x 40
7.62 (0.300)
2.54 x 8 =
20.32 (0.800)
3.5 (0.138) ± 0.5
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. UNLESS OTHERWISE STATED, TOLERANCES ARE ± 0.25 mm.
∅0.51
(0.020)
ROW
COL
1
2
3
4
5
6
7
12
3
4
5
PART NO.
53.34
(2.100)
60.60
(2.386)
7.62
(0.300)
0.40
(0.016)
0.50
(0.019)
8
8.8 (0.346)
46.1(1.81)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com