Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-RG10 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-RG10
Description  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-RG10 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-RG10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-RG10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SG10-JM000
Red 626
240
680
Yes
Perpendicular
A
HLMP-RG10-JM000
Red 626
240
680
Yes
Parallel
B
HLMP-SL10-LP0xx
Amber 590
400
1150
Yes
Perpendicular
A
HLMP-RL10-LP0xx
Amber 590
400
1150
Yes
Parallel
B
4.0 ± 0.20
(0.157 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.50 ± 0.50
(0.374 ± 0.007)
0.44 ± 0.20
(0.017 ± 0.008)
CATHODE
LEAD
A
∅
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.0
(0.827)
MIN.
1.0
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
4.0 ± 0.20
(0.157 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
0.80
(0.016)
MAX. EPOXY MENISCUS
9.50 ± 0.50
(0.374 ± 0.007)
0.44 ± 0.20
(0.017 ± 0.008)
CATHODE
LEAD
B
∅
6.30 ± 0.20
(0.248 ± 0.008)
2.54 ± 0.30
(0.100 ± 0.012)
21.0
(0.827)
MIN.
1.0
(0.039)
MIN.
0.40
+0.10
–0
(0.016
+0.004
–0.000)
0.45
+0.10
–0.04
(0.018
+0.004
–0.002)
DIMENSIONS ARE IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com