Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7949 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7949
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7949 Datasheet(HTML) 3 Page - Analog Devices

  AD7949 Datasheet HTML 1Page - Analog Devices AD7949 Datasheet HTML 2Page - Analog Devices AD7949 Datasheet HTML 3Page - Analog Devices AD7949 Datasheet HTML 4Page - Analog Devices AD7949 Datasheet HTML 5Page - Analog Devices AD7949 Datasheet HTML 6Page - Analog Devices AD7949 Datasheet HTML 7Page - Analog Devices AD7949 Datasheet HTML 8Page - Analog Devices AD7949 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD7689
Rev. PrC | Page 3 of 20
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
Unipolar mode
0
+VREF
V
Bipolar mode
−VREF/2
+VREF/2
Absolute Input Voltage
Positive input, unipolar and
bipolar mode
−0.1
VREF + 0.1
V
Negative or COM input, unipolar
mode
−0.1
+0.1
Negative or COM input, bipolar
mode
VREF/2 – 0.1
VREF/2
VREF/2 + 0.1
Analog Input CMRR
fIN = 250 kHz
TBD
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance1
THROUGHPUT
Conversion Rate
VDD = 4.096V to 5.5
0
250
kSPS
VDD = 2.5V to 4.096V
1
200
Transient Response
Full-scale step
1.8
μs
ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
-2
±0.6
+2
LSB2
Differential Linearity Error
−1
±0.25
+1.5
LSB
Transition Noise
REF = VDD = 5 V
0.5
LSB
Gain Error3
−30
±0.5
+30
LSB
Gain Error Match
TBD
LSB
Gain Error Temperature Drift
±0.3
ppm/°C
Offset Error3
−5
±0.5
+5
LSB
Offset Error Match
TBD
LSB
Offset Error Temperature Drift
±0.3
ppm/°C
Power Supply Sensitivity
VDD = 5 V
± 5%
±1
ppm
AC ACCURACY4
Dynamic Range
93.5
dB5
Signal-to-Noise
fIN = 20 kHz, VREF = 5V
92.5
dB
fIN = 20 kHz, VREF = 2.5V
88.5
Signal-to-(Noise + Distortion)
fIN = 20 kHz, VREF = 5V
92.5
dB
fIN = 20 kHz, VREF = 2.5V
88.5
dB
Total Harmonic Distortion
fIN = 20 kHz
−100
dB
Spurious-Free Dynamic Range
fIN = 20 kHz
110
dB
Channel-to-Channel Crosstalk
fIN = 100 kHz on adjacent
channel(s)
-117
dB
Intermodulation Distortion6
115
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
Selectable
0.425
1.7
MHz
Aperture Delay
VDD = 5V
2.5
ns
1 See the Analog Inputs section.
2 LSB means least significant bit. With the 5 V input range, one LSB is 76.3 μV.
3 See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
4 With VREF = 5 V, unless otherwise noted.
5 All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
6 fIN1 = 21.4 kHz and fIN2 = 18.9 kHz, with each tone at −7 dB below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com